Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVCV2G66DP Datasheet(PDF) 15 Page - NXP Semiconductors

Part # 74LVCV2G66DP
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCV2G66DP Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button 74LVCV2G66DP Datasheet HTML 11Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 12Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 13Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 14Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 15Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 16Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 17Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 18Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
9397 750 13027
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 2 April 2004
15 of 23
Philips Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
[1]
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads −3dB.
[2]
Adjust fi voltage to obtain 0 dBm level at input.
[3]
Definition: Q =
∆V
out × CL. Guaranteed by design.
Vct(sw-sw)
crosstalk between switches
RL = 600 Ω; CL = 50 pF; fi = 1 MHz;
see Figure 17
VCC = 2.3 V
-
−56
-
dB
VCC = 3.0 V
-
−55
-
dB
VCC = 4.5 V
-
−55
-
dB
RL =50 Ω; CL = 5 pF; fi = 1 MHz;
see Figure 17
VCC = 2.3 V
-
−29
-
dB
VCC = 3.0 V
-
−28
-
dB
VCC = 4.5 V
-
−28
-
dB
Q
injection charge
CL = 0.1 nF; Vgen =0V; Rgen =0 Ω;
f = 1 MHz; RL =1 MΩ; see Figure 18
VCC = 2.5 V
-
<0.003 -
pC
VCC = 3.3 V
-
0.003
-
pC
VCC = 4.5 V
-
0.0035 -
pC
VCC = 5.5 V
-
0.0035 -
pC
Table 14:
Additional dynamic characteristics …continued
At recommended conditions; typical values measured at Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Test conditions:
VCC = 2.3 V: Vi = 2 V (p-p).
VCC =3V: Vi = 2.5 V (p-p).
VCC = 4.5 V: Vi = 4 V (p-p).
Fig 13. Test circuit for measuring sine-wave distortion.
001aaa544
Z or Y
Y or Z
fi
GND
600
Ω
10
µF
VCC
0.5VCC
VIH
D
CL
RL
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com