Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BGS1 Datasheet(PDF) 1 Page - BeRex Corporation

Part # BGS1
Description  50-4000 MHz SILICON GERMANIUM Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS1 Datasheet(HTML) 1 Page - BeRex Corporation

  BGS1_18 Datasheet HTML 1Page - BeRex Corporation BGS1_18 Datasheet HTML 2Page - BeRex Corporation BGS1_18 Datasheet HTML 3Page - BeRex Corporation BGS1_18 Datasheet HTML 4Page - BeRex Corporation BGS1_18 Datasheet HTML 5Page - BeRex Corporation BGS1_18 Datasheet HTML 6Page - BeRex Corporation BGS1_18 Datasheet HTML 7Page - BeRex Corporation BGS1_18 Datasheet HTML 8Page - BeRex Corporation BGS1_18 Datasheet HTML 9Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1
1
Rev. H
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
3 ~ 3.2V supply
No Dropping Resistor Required
No matching circuit needed
Lead-free/Green/RoHS compliant SOT-363 package
Application: Driver Amplifier, Cellular, PCS, GSM,
UMTS, WCDMA, Wireless Data
BeRex’s BGS1 is a high SiGe HBT MMIC am-
plifier, internally matched to 50 Ohms with-
out the need for external components. De-
signed to run directly from a 3.2V supply.
The BGS1 is designed for high linearity 3.2V
gain block applications . It is packaged in a
RoHS-compliant with SOT-363 surface
mount package.
Product Description
Device Features
• Driver Amplifier
• Cellular, PCS, GSM, UMTS, WCDMA
Applications
Applications Circuit
*C1, C2, C3 =100 pF ± 5%; C4 = 1000 pF ± 5%; C5 = 10uF; **L1 = 56nH
1 Device performance _ measured on a BeRex evaluation board at 25°C, 50 Ω system.
2 OIP3 _ measured with two tones at an output of 0 dBm per tone separated by 1 MHz.
Typical Performance
1
Absolute Maximum Ratings
Min.
Typical
Max.
Unit
Bandwidth
70
4000
MHz
IC @ (Vc = 3.2V)
23
27
31
mA
VC
3.2
V
dG/dT
0.003
dB/°C
RTH
130
°C/W
Parameter
Unit
Rating
Operating Case Temperature
°C
-40 to +105
Storage Temperature
°C
-55 to +155
Junction Temperature
°C
+150
Operating Voltage
V
+3.6
Supply Current
mA
100
Input RF Power
dBm
15
Operation of this device above any of these parameters may result in permanent damage.
**less than 56nH improves RF performance at over 0.9GHz.
*1uH or higher value L1 improves RF performance at under 900MHz.
*Optimum value of L1 may vary with board design.
BGS1
L1
C1
C3
C4
RFin
RFout
C5
+3.2
V
C2
*C1,C2=2000pF, L1=1uH for 70MHz application,
BG
S1
IN
GND
GND
OUT
GND
GND
Pin Description
RF IN
3
RF OUT
6
GND
1,2,4,5
Parameter
Frequency
Unit
70
900
1900
2450
2650
3500 MHz
Gain
23.6
22.2
19.2
17.3
16.2
14.9
dB
S11
-16.8
-31.3
-35.5
-18.3
-15.8
-11.4
dB
S22
-23
-17.1
-11.7
-12.6
-17
-15.3
dB
OIP32
27.5
26
25.4
24
24
19.2
dBm
P1dB
15.9
16.7
14.9
12.6
12.4
9.9
dBm
N.F
3
2.9
3
3.3
3.5
3
dB
Application Circuit Values Example
Freq.
70~900MHz
900MHz ~ 3GHz
3GHz ~ 4GHz
C1/C2
2nF
100pF
10pF
L1
1uH
56nH
12nH
(1608 Chip Ind.)
*C1,C2=10pF, L1=12nH for 3.5GHz application,


Similar Part No. - BGS1_18

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BGS1 BEREX-BGS1_16 Datasheet
1,014Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
More results

Similar Description - BGS1_18

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2463Z SIRENZA-SGC-2463Z Datasheet
306Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
logo
BeRex Corporation
BGS6 BEREX-BGS6 Datasheet
864Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2 Datasheet
815Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1 Datasheet
795Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1 BEREX-BGS1_16 Datasheet
1,014Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_16 Datasheet
917Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_16 Datasheet
1Mb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS2 BEREX-BGS2_18 Datasheet
639Kb / 9P
50-4000 MHz SILICON GERMANIUM Gain Block
BGS6 BEREX-BGS6_18 Datasheet
715Kb / 8P
50-4000 MHz SILICON GERMANIUM Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com