Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH7770 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH7770
Description  Not for design in automotive and industrial applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7770 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH7770 Datasheet HTML 2Page - OSRAM GmbH SFH7770 Datasheet HTML 3Page - OSRAM GmbH SFH7770 Datasheet HTML 4Page - OSRAM GmbH SFH7770 Datasheet HTML 5Page - OSRAM GmbH SFH7770 Datasheet HTML 6Page - OSRAM GmbH SFH7770 Datasheet HTML 7Page - OSRAM GmbH SFH7770 Datasheet HTML 8Page - OSRAM GmbH SFH7770 Datasheet HTML 9Page - OSRAM GmbH SFH7770 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SFH 7770
2011-09-16
6
Characteristics (Ta = 25°C
)
1)
Start-up sequence
The threshold limit where the device switches from OFF to STAND-BY is between
V
DD =1.4V and
V
DD =2.0V. Within 0.2s after exceeding the threshold voltage the device will switch from OFF to
STAND-BY mode.
Parameter
Symbol
Value
Unit
min.
typ.
max.
General
Conditions for OFF mode
1)
V
DD,off
1.4
V
On-time (from OFF to STAND-BY)
1)
t
on
0.2
s
Threshold level for STAND-BY mode
1)
V
DD,on
2.0
V
Transition time between modes
(STAND-BY ...TRIGGERED ...FREE-RUNNING)
t
trans
10
ms
STAND-BY mode current consumption
I
DD,stby
5
A
OFF mode current consumption
I
DD,off
2
A
time
V
DD
1.4V
2.0V
upper threshold limit
lower threshold llimit
OFF
MODE:
undefined
STAND-BY
undefined
STAND-BY
ton
<0.2s
ton
<0.2s
time
V
DD
1.4V
2.0V
upper threshold limit
lower threshold llimit
OFF
MODE:
undefined
STAND-BY
undefined
STAND-BY
ton
<0.2s
ton
<0.2s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com