Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2316GD Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2316GD
Description  19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2316GD Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2316GD Datasheet HTML 14Page - Monolithic Power Systems MP2316GD Datasheet HTML 15Page - Monolithic Power Systems MP2316GD Datasheet HTML 16Page - Monolithic Power Systems MP2316GD Datasheet HTML 17Page - Monolithic Power Systems MP2316GD Datasheet HTML 18Page - Monolithic Power Systems MP2316GD Datasheet HTML 19Page - Monolithic Power Systems MP2316GD Datasheet HTML 20Page - Monolithic Power Systems MP2316GD Datasheet HTML 21Page - Monolithic Power Systems MP2316GD Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
MP2316 – 19V, 3A LOW IQ STEP DOWN CONVERTER
MP2316 Rev. 1.11
www.MonolithicPower.com
18
4/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Equation 12 and 13 are the typical switching
frequency calculation formula. The actually
frequency will change a little at different load
currents and different input voltages as
described before.
Selecting the Inductor
The inductor is necessary to supply constant
current to the output load while being driven by
the switched input voltage. A larger-value
inductor will result in less ripple current that will
result in lower output ripple voltage. However, a
larger-value inductor will have a larger physical
footprint, higher series resistance, and/or lower
saturation current. A good rule for determining
the inductance value is to design the peak-to-
peak ripple current in the inductor to be in the
range of 30% to 40% of the maximum output
current, and that the peak inductor current is
below the maximum switch current limit. The
inductance value can be calculated by:
OUT
OUT
SW
L
IN
VV
L(1
)
FI
V
 

(14)
Where ∆IL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current, where the
peak inductor current can be calculated by:
OUT
OUT
LP
OUT
SW
IN
VV
II
(1
)
2F
L
V

 
(15)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply the AC current to the step-
down converter while maintaining the DC input
voltage. Ceramic capacitors are recommended
for best performance and should be placed as
close to the VIN pin as possible. Capacitors
with X5R and X7R ceramic dielectrics are
recommended because they are fairly stable
with temperature fluctuations.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated as follows:
OUT
OUT
CIN
OUT
IN
IN
VV
II
(1
)
VV

 
(16)
The worst-case condition occurs at VIN = 2VOUT,
where:
OUT
CIN
I
I
2
(17)
For simplification, choose the input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitance value determines the
input voltage ripple of the converter. If there is
an input voltage ripple requirement in the
system, choose the input capacitor that meets
the specification.
The input voltage ripple can be estimated as
follows:
OUT
OUT
OUT
IN
SW
IN
IN
IN
IV
V
V(1
)
FC
V
V

 
(18)
Under worst-case conditions where VIN = 2VOUT:
OUT
IN
SW
IN
I
1
V
4F
C
 
(19)
Selecting the Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Ceramic or POSCAP
capacitors are recommended. The output
voltage ripple can be estimated as:
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V(1
) (R
)
FL
V
8 F
C

 

(20)
In the case of ceramic capacitors, the
impedance at the switching frequency is
dominated by the capacitance. The output
voltage ripple is mainly caused by the
capacitance. For simplification, the output
voltage ripple can be estimated as:
OUT
OUT
OUT
2
SW
OUT
IN
VV
V(1
)
8F
L C
V

 
 
(21)
The output voltage ripple caused by ESR is
very small. Therefore, an external ramp is
needed to stabilize the system. The external
ramp can be generated through the capacitor
Cr.
In the case of POSCAP capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com