Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2316GD Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP2316GD
Description  19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2316GD Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP2316GD Datasheet HTML 17Page - Monolithic Power Systems MP2316GD Datasheet HTML 18Page - Monolithic Power Systems MP2316GD Datasheet HTML 19Page - Monolithic Power Systems MP2316GD Datasheet HTML 20Page - Monolithic Power Systems MP2316GD Datasheet HTML 21Page - Monolithic Power Systems MP2316GD Datasheet HTML 22Page - Monolithic Power Systems MP2316GD Datasheet HTML 23Page - Monolithic Power Systems MP2316GD Datasheet HTML 24Page - Monolithic Power Systems MP2316GD Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
MP2316 – 19V, 3A LOW IQ STEP DOWN CONVERTER
MP2316 Rev. 1.11
www.MonolithicPower.com
23
4/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
MP2316
3, 14
1, 12
5
11
4
9
2, 13
8
7
6
10
Vin
EN
FREQ/MODE
VCC
PG
GND
SS
FB
CR
SW
BST
GND
VOUT
2.5V/3A
GND
C1A
0.1uF
C2A
22uF
R5
100K
R6
NS
R7
360K
R3
100K
C4
1uF
C3
15nF
Cb
0.1uF
Rb
0
L
3.3uH
Cr
150pF
R1
127K
R2
40.2K
C1
22uF
R4
NS
VIN
Note: Use R6 =348k and not use R7 to set forced PWM, Use R7= 360k and not use R6 to set auto PFM/PWM. The recommended R6, R7
value are basing on equation 12, 13 and optimized according to test result.
Figure 18— VIN=12V, VOUT=2.5V, IOUT=3A, FS=500kHz
MP2316
3, 14
1, 12
5
11
4
9
2, 13
8
7
6
10
Vin
EN
FREQ/MODE
VCC
PG
GND
SS
FB
CR
SW
BST
GND
VOUT
3.3V/3A
GND
C1A
0.1uF
C2A
22uF
R5
100K
R6
NS
R7
499K
R3
100K
C4
1uF
C3
15nF
Cb
0.1uF
Rb
0
L
4.7uH
Cr
150pF
R1
182K
R2
40.2K
C1
22uF
R4
NS
VIN
Note: Use R6=453k and not use R7 to set forced PWM, Use R7=499k and not use R6 to set auto PFM/PWM. The recommended R6, R7
value are basing on equation 12, 13 and optimized according to test result.
Figure 19— VIN=12V, VOUT=3.3V, IOUT=3A, FS=500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com