Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD3PS25-1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD3PS25-1
Description  P-CHANNEL 250V - 2.1 OHM - 3A DPAK/IPAK MESH OVERLAY MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3PS25-1 Datasheet(HTML) 1 Page - STMicroelectronics

  STD3PS25-1 Datasheet HTML 1Page - STMicroelectronics STD3PS25-1 Datasheet HTML 2Page - STMicroelectronics STD3PS25-1 Datasheet HTML 3Page - STMicroelectronics STD3PS25-1 Datasheet HTML 4Page - STMicroelectronics STD3PS25-1 Datasheet HTML 5Page - STMicroelectronics STD3PS25-1 Datasheet HTML 6Page - STMicroelectronics STD3PS25-1 Datasheet HTML 7Page - STMicroelectronics STD3PS25-1 Datasheet HTML 8Page - STMicroelectronics STD3PS25-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
June 2003
STD3PS25 - STD3PS25-1
P-CHANNEL 250V - 2.1
Ω - 3A DPAK/IPAK
MESH OVERLAY™ MOSFET
s
TYPICAL RDS(on) = 2.1Ω
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
s
STANDARD OUTLINE FOR EASY
AUTOMATED SURFACE MOUNT ASSEMBLY
s
GATE-SOURCE ZENER DIODE
DESCRIPTION
Using the latest high voltage MESH OVERLAY™
process, STMicroelectronics has designed an ad-
vanced family of power MOSFETs with outstanding
performance. The new patented STrip layout cou-
pled with the Company’s proprietary edge termina-
tion structure, makes it suitable in coverters for
lighting applications.
APPLICATIONS
s
CONSUMER
s
LIGHTING
ABSOLUTE MAXIMUM RATINGS
TYPE
VDSS
RDS(on)
ID
STD3PS25
STD3PS25-1
250 V
250 V
< 2.8
Ω
< 2.8
Ω
3A
3A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
250
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
250
V
VGS
Gate- source Voltage
±25
V
ID
Drain Current (continuous) at TC = 25°C
3A
ID
Drain Current (continuous) at TC = 100°C
1.9
A
IDM (1)
Drain Current (pulsed)
12
A
PTOT
Total Dissipation at TC = 25°C
45
W
Derating Factor
0.36
W/°C
Tstg
Storage Temperature
– 50 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
DPAK
1
3
IPAK
3
2
1
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD3PS25-1

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD3PK50 ISC-STD3PK50 Datasheet
332Kb / 2P
N-Channel MOSFET
logo
STMicroelectronics
STD3PK50Z STMICROELECTRONICS-STD3PK50Z Datasheet
740Kb / 15P
P-channel 500 V, 3 Ω typ., 2.8 A Zener-protected SuperMESH™Power MOSFET in a DPAK package
31-Aug-2012
More results

Similar Description - STD3PS25-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NS25 STMICROELECTRONICS-STB16NS25 Datasheet
456Kb / 9P
N-CHANNEL 250V - 0.23ohm - 16A D2PAK MESH OVERLAY™ MOSFET
Feb-2003
STB8NS25 STMICROELECTRONICS-STB8NS25 Datasheet
427Kb / 9P
N-CHANNEL 250V - 0.38ohm - 8A D2PAK MESH OVERLAY™ MOSFET
Jul-2001
STD4N20 STMICROELECTRONICS-STD4N20 Datasheet
271Kb / 9P
N-CHANNEL 200V - 1.2ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
STD4NB25 STMICROELECTRONICS-STD4NB25 Datasheet
67Kb / 6P
N - CHANNEL 250V - 0.95ohm - 4A - DPAK/IPAK PowerMESHO MOSFET
Feb-2000
STD4NS25 STMICROELECTRONICS-STD4NS25 Datasheet
273Kb / 9P
N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY™ MOSFET
Feb-2001
STD7NS20 STMICROELECTRONICS-STD7NS20 Datasheet
319Kb / 8P
N-CHANNEL 200V - 0.35ohm - 7A DPAK / IPAK MESH OVERLAY™ MOSFET
Jun-2003
STD8NS25 STMICROELECTRONICS-STD8NS25 Datasheet
122Kb / 6P
N-CHANNEL 250V - 0.38ohm - 8A DPAK MESH OVERLAY™ MOSFET
Jul-2001
STD5N20 STMICROELECTRONICS-STD5N20_00 Datasheet
257Kb / 8P
N-CHANNEL 200V - 0.6W - 5A DPAK MESH OVERLAY??MOSFET
Dec-2000
STB16NS25T4 STMICROELECTRONICS-STB16NS25T4 Datasheet
474Kb / 9P
N-CHANNEL 250V - 0.23W - 16A D2PAK MESH OVERLAY??MOSFET
Feb-2003
STD4NS25T4 STMICROELECTRONICS-STD4NS25T4 Datasheet
288Kb / 9P
N-CHANNEL 250V - 0.9W - 4A DPAK/IPAK MESH OVERLAY MOSFET
Feb-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com