Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD3PS25-1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD3PS25-1
Description  P-CHANNEL 250V - 2.1 OHM - 3A DPAK/IPAK MESH OVERLAY MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3PS25-1 Datasheet(HTML) 3 Page - STMicroelectronics

  STD3PS25-1 Datasheet HTML 1Page - STMicroelectronics STD3PS25-1 Datasheet HTML 2Page - STMicroelectronics STD3PS25-1 Datasheet HTML 3Page - STMicroelectronics STD3PS25-1 Datasheet HTML 4Page - STMicroelectronics STD3PS25-1 Datasheet HTML 5Page - STMicroelectronics STD3PS25-1 Datasheet HTML 6Page - STMicroelectronics STD3PS25-1 Datasheet HTML 7Page - STMicroelectronics STD3PS25-1 Datasheet HTML 8Page - STMicroelectronics STD3PS25-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STD3PS25 - STD3PS25-1
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
GATE-SOURCE ZENER DIODE
(4) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
(5) Pulse width limited by safe operating area
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD =125V, ID = 1.5A
RG = 4.7Ω VGS =10V
(Resistive, see Figure 3)
12
22
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD =200V, ID= 1.5A,
VGS =10V
16
1.4
7.6
21
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 200V, ID = 1.5A,
RG =4.7Ω, VGS = 10V
(see test circuit, Figure 5)
29.5
7
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM (4)
Source-drain Current
Source-drain Current (pulsed)
3
12
A
A
VSD (5)
Forward On Voltage
ISD = 3A, VGS =0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Curren
ISD = 0.60A, di/dt = 100A/µs,
VDD =40V, Tj = 150°C
(see test circuit, Figure 5)
143
806
11
ns
nC
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=± 500 µA (Open Drain)
± 25
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com