Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP4050A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4050A
Description  Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4050A Datasheet HTML 9Page - Monolithic Power Systems MP4050A Datasheet HTML 10Page - Monolithic Power Systems MP4050A Datasheet HTML 11Page - Monolithic Power Systems MP4050A Datasheet HTML 12Page - Monolithic Power Systems MP4050A Datasheet HTML 13Page - Monolithic Power Systems MP4050A Datasheet HTML 14Page - Monolithic Power Systems MP4050A Datasheet HTML 15Page - Monolithic Power Systems MP4050A Datasheet HTML 16Page - Monolithic Power Systems MP4050A Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MP4050A – NON-ISOLATED, HIGH-BRIGHTNESS LED DRIVER, WITH ENHANCED THERMAL FEATURE
MP4050A Rev. 1.01
www.MonolithicPower.com
13
1/14/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Minimum Operating Frequency Limit
The
MP4050A
incorporates
a
minimum
operating frequency (22kHz) to eliminate
audible noise.
When the operating frequency is less than
22kHz, the internal peak-current regulator
decreases the peak-current value to keep the
operating frequency constant at about 22kHz.
If the inductance is too large to make the
operating frequency drop to the minimum
operating frequency, the converter enters CCM
operation. Generally, the converter works in
DCM when the operating frequency is larger
than 22kHz for normal operation.
Minimum Off-Time Limit
A minimum off-time limit is implemented. During
normal operation, the minimum off-time limit is
4.7μs. During the start-up period, the minimum
off-time limit is shortened gradually from
16.45μs to 4.7μs (see Fig. 4). Each minimum
off-time limit maintains 32 switching cycles. This
soft-start function enables a safe start-up.
FIGURE 4. Minimum Off-Time Limit at
Start-up
Thermal Shutdown (TSD)
To prevent thermal damage to the system and
IC, the chip reduces the reference to decrease
the output power if the junction temperature
exceeds
145
C.
This
limits
the
rising
temperature speed of the IC. Typically, the
reference voltage drops to around 20% when
the junction temperature rises to 160
C. If the
temperature exceeds 160
C, the MP4050A
stops switching, and the IC is latched off. Once
the junction temperature drops below 110
C,
the chip resumes operation.
Open LED Protection (OLP)
If PRO voltage (VPRO) is higher than VOVP when
the MOSFET turns off, the MP4050A stops
working, and a re-start cycle begins. Open LED
protection operates in hiccup mode. The
MP4050A
monitors
the
PRO
voltage
continuously, and the VCC cap is discharged
and
charged
repeatedly.
The
MP4050A
resumes work once the fault disappears.
Short-Circuit Protection (SCP)
When an LED short circuit occurs, the switching
off time is extended. Due to the minimum
operating frequency limit, the IC can reduce
automatically the switching frequency and
achieve close loop control. Then the output
power at this condition is limited within a safe
range. The MP4050A resumes work in normal
operation once the device recovers from the
short circuit.
Leading Edge Blanking (LEB)
Internal leading edge blanking (LEB) is
employed to prevent a switching pulse from
terminating
prematurely
due
to
parasitic
capacitance discharging when the MOSFET
turns on. During the blanking time, the path
from SOURCE to the current comparator input
is blocked (see Fig. 5)
FIGURE 5. Leading Edge Blanking (LEB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com