Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3KP40C Datasheet(PDF) 5 Page - SUNMATE electronic Co., LTD

Part # 3KP40C
Description  AXIAL LEADED TRANSIENT VOLTAGE SUPPESSOR DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

3KP40C Datasheet(HTML) 5 Page - SUNMATE electronic Co., LTD

  3KP40C Datasheet HTML 1Page - SUNMATE electronic Co., LTD 3KP40C Datasheet HTML 2Page - SUNMATE electronic Co., LTD 3KP40C Datasheet HTML 3Page - SUNMATE electronic Co., LTD 3KP40C Datasheet HTML 4Page - SUNMATE electronic Co., LTD 3KP40C Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5 of 5
1
10
100
200
100
1000
10,000
100,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig. 2 Typical Junction Capacitance
RWM
T = 25 C
j
°
Measured at
Zero Bias
Stand-Off
Voltage V
R
Measured at
0.1
1.0
10
100
1000
10,000
1.0
10
100
1000
T PULSE WIDTH ( s)
Fig. 3 Pulse Derating Curve
P,
µ
L = 9.5 mm
20x20x1mmCu
0
25
50
75
100
125
150
175
200
0
1.5
3.0
4.5
6.0
T , LEAD TEMPERATURE ( C)
Fig. 5 Steady State Power Derating
L
°
Single Phase
Half-Wave 60Hz
Resistive or
Inductive Load
10 X 1000 Waveform
as defind by REA
025
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Pulse Derating Curve
A
°
01
2
3
100
50
0
t = 10 s
r
µ
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 1 Pulse Waveform
www.sunmate.tw



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com