Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3KP40C Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 3KP40C
Description  AXIAL LEADED TRANSIENT VOLTAGE SUPPESSOR DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

3KP40C Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  3KP40C Datasheet HTML 1Page - SUNMATE electronic Co., LTD 3KP40C Datasheet HTML 2Page - SUNMATE electronic Co., LTD 3KP40C Datasheet HTML 3Page - SUNMATE electronic Co., LTD 3KP40C Datasheet HTML 4Page - SUNMATE electronic Co., LTD 3KP40C Datasheet HTML 5Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 of 5
POWER: 3000Wa t t s
3KP5.0A(CA) - 3KP190A(CA)
VOLTAGE RANGE: 5.0 - 19 0 V
Uni- and Bi-Directional Versions Available
Excellent Clamping Capability
Fast Response Time
Plastic Case Material has UL Flammability
Classification Rating 94V-O
Features
www.sunmate.tw
!
!
!
!
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3
PPPM
3000 Minimum
W
Peak Forward Surge Current (Note 3)
IFSM
250
A
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1
IPPM
See Table 1
A
Steady State Power Dissipation (Note 2, 4)
PM(AV)
8.0
W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +175
°C
Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25°C per Figure 4.
2. Mounted on 20mm2 copper pad.
3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum.
4. Lead temperature at 75°C = TL .
5. Peak pulse power waveform is 10/1000µS.
Maximum Ratings @ TA = 25°C unless otherwise specified
Case:R-6 Molded Plastic
Mechanical Data
Terminals: Axial Leads, Solderable per
MIL-STD-202, Method 208
Polarity: Color Band Indicates Cathode
Approx. Weight: 1.7 grams
Mounting Position: Any
!
!
!
!
!
A
A
B
C
D
R-6
Dim
Min
Max
A
25.4
—
B
8.6
9.1
C
1.2
1.3
All Dimensions in mm
AXIAL LEADED TRANSIENT VOLTAGE SUPPESSOR DIODE


Similar Part No. - 3KP40C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP40C PANJIT-3KP40C Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP40C SURGE-3KP40C Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP40C WTE-3KP40C Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
3KP40C FORMOSA-3KP40C Datasheet
69Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
Won-Top Electronics
3KP40C WTE-3KP40C Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3KP40C

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1.5KE440A SUNMATE-1.5KE440A Datasheet
662Kb / 5P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESS DIODE
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302 SUNMATE-1N6302 Datasheet
745Kb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6267 SUNMATE-1N6267_15 Datasheet
745Kb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
3KE5.0A SUNMATE-3KE5.0A Datasheet
643Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPESSOR DIODE
5KP5.0A SUNMATE-5KP5.0A_15 Datasheet
940Kb / 5P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com