Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP-RFI-I03-980202 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SP-RFI-I03-980202
Description  Data-Over-Cable Service Interface Specifications
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP-RFI-I03-980202 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SP-RFI-I03-980202 Datasheet HTML 17Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 18Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 19Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 20Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 21Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 22Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 23Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 24Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 200 page
background image
9
Radio Frequency Interface Specification
SP-RFI-I03-980202
2.3.2
Transmission Upstream
The RF channel transmission characteristics of the cable network in the upstream direction assumed for the
purposes of minimal operating capability are described in Table 2-2. All conditions are present concurrently.
Table 2-2. Assumed Upstream RF Channel Transmission Characteristics
Notes to Table 2-2.
1.
Transmission is from the CM output at the customer location to the headend.
2.
Ingress avoidance or tolerance techniques MAY be used to ensure operation in the presence of time-varying discrete
ingress signals that could be as high as 0 dBc [CableLabs1].
3.
Amplitude and frequency characteristics sufficiently strong to partially or wholly mask the data carrier.
4.
CableLabs report containing distribution of return-path burst noise measurements and measurement method is
forthcoming.
5.
Impulse noise levels more prevalent at lower frequencies (< 15 MHz).
2.3.2.1 Availability
Typical cable network availability is considerably greater than 99 %.
2.4 Transmission Levels
The nominal power level of the downstream CMTS 64QAM signal(s) within a 6-MHz channel is targeted to be
in the range -10 dBc to -6 dBc relative to analog video carrier level and will normally not exceed analog video
carrier level. The nominal power level of the upstream CM signal(s) will be as low as possible to achieve the
required margin above noise and interference. Uniform power loading per unit bandwidth is commonly followed
in setting upstream signal levels, with specific levels established by the cable network operator to achieve the
required carrier-to-noise and carrier-to-interference ratios.
Parameter
Value
Frequency range
5 to 42 MHz edge to edge
Transit delay from the most distant CM to the nearest
CM or CMTS
<= 0.800 msec (typically much less)
Carrier-to-noise ratio
Not less than 25 dB
Carrier-to-ingress power (the sum of discrete and
broadband ingress signals) ratio
Not less than 25 dB (Note 2)
Carrier- to-interference (the sum of noise, distortion,
common-path distortion and cross-modulation) ratio
Not less than 25 dB
Carrier hum modulation
Not greater than -23 dBc (7.0 %)
Burst noise
Not longer than 10
µsec at a 1 kHz average rate for
most cases (Notes 3, 4 and 5)
Amplitude ripple
5-42 MHz: 0.5 dB/MHz
Group delay ripple
5-42 MHz: 200 ns/MHz
Micro-reflections -- single echo
-10 dBc @ <= 0.5 µsec
-20 dBc @ <= 1.0 µsec
-30 dBc @ > 1.0 µsec
Seasonal and diurnal signal level variation
Not greater than 8 dB min to max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com