Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP-RFI-I03-980202 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SP-RFI-I03-980202
Description  Data-Over-Cable Service Interface Specifications
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SP-RFI-I03-980202 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SP-RFI-I03-980202 Datasheet HTML 35Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 36Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 37Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 38Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 39Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 40Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 41Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 42Page - List of Unclassifed Manufacturers SP-RFI-I03-980202 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 200 page
background image
27
Radio Frequency Interface Specification
SP-RFI-I03-980202
The CM MUST support all burst profiles commanded by the CMTS via the Burst Descriptors in the UCD
(Section 6.3.2.2), and subsequently assigned for transmission in a MAP (Section 6.3.2.3).
Table 4-4. Burst Profile Attributes
Table 4-5. User Unique Burst Parameters
The CM MUST implement the Offset Frequency to within
±10 Hz.
Ranging Offset is the delay correction applied by the CM to the CMTS Upstream Frame Time derived at the CM,
in order to synchronize the upstream transmissions in the TDMA scheme. The Ranging Offset is an advancement
equal to roughly the round-trip delay of the CM from the CMTS. The CMTS MUST provide feedback correction
for this offset to the CM, based on reception of one or more successfully received bursts (i.e., satisfactory result
from each technique employed: error correction and/or CRC), with accuracy within 1/2 symbol and resolution of
1/64 of the frame tick increment (6.25 µsec/64 = 0.09765625 µsec = 1/4 the symbol duration of the highest
symbol rate = 10.24 MHz-1). The CMTS sends adjustments to the CM, where a negative value implies the
Ranging Offset is to be decreased, resulting in later times of transmission at the CM. CM MUST implement the
correction with resolution of at most 1 symbol duration (of the symbol rate in use for a given burst), and (other
than a fixed bias) with accuracy within
±0.25 µsec plus ±1/2 symbol owing to resolution. The accuracy of CM
Burst Profile Attributes
Configuration Settings
Modulation
QPSK, 16 QAM
Diff Enc
On/Off
Preamble Length
0-1024 bits (Note Section 4.2.5)
Preamble Value offset
0 to 1022
FEC Error Correction (T bytes)
0 to 10 (0 implies FEC = off)
FEC Codeword Information Bytes (k)
Fixed: 16 to 253 (assuming FEC on)
Shortened: 16 to 253 (assuming FEC on)
Scrambler Seed
15 bits
Maximum Burst Length (minislots)1
1.
A burst length of 0 mini-slots in the Channel Profile means that the burst length is vari-
able on that channel for that burst type. The burst length, while not fixed, is granted
explicitly by the CMTS to the CM in the MAP.
0 to 255
Guard Time
5 to 255 symbols
Last Codeword Length
Fixed, shortened
Scrambler On/Off
On/Off
User Unique Parameter
Configuration Settings
Power Level
1
1.
Values in table apply for this given channel and symbol rate.
+8 to +55 dBmV (16QAM)
+8 to +58 dBmV (QPSK)
1-dB steps
Offset Frequency
1
Range =
±32 kHz; increment = 1 Hz;
implement within
±10 Hz
Ranging Offset
0 to (2
16 - 1), increments of 6.25
µsec/64
Burst Length (mini-slots) if variable on this
channel (changes burst-to-burst)
1 to 255 mini-slots
Transmit Equalizer
Coefficients
1(advanced modems only)
Up to 64 coefficients; 4 bytes per
coefficient:2 real and 2 complex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com