Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VV6444C001 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VV6444C001
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6444C001 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VV6444C001 Datasheet HTML 3Page - STMicroelectronics VV6444C001 Datasheet HTML 4Page - STMicroelectronics VV6444C001 Datasheet HTML 5Page - STMicroelectronics VV6444C001 Datasheet HTML 6Page - STMicroelectronics VV6444C001 Datasheet HTML 7Page - STMicroelectronics VV6444C001 Datasheet HTML 8Page - STMicroelectronics VV6444C001 Datasheet HTML 9Page - STMicroelectronics VV6444C001 Datasheet HTML 10Page - STMicroelectronics VV6444C001 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
7
STV0680F_contents.fm
1.
Introduction
1.1
Digital camera chipset
This document describes the features and functionality of a CMOS chipset, comprising an STMicroelectronics (ST) CIF or VGA
resolution sensor and an STV0680A companion processor (formerly known as DCA1: Digital Camera ASIC 1), as well as
outlining what peripheral components are required/supported in order to complete a camera using the chipset. Such a camera is
particularly suited to dual-mode digital stills or toy applications.
In stills mode, the camera stores raw image data in memory. The camera carries out no colour processing, ensuring its simplicity
and low cost. Subsequent download of raw data to a PC for processing is done through an RS232 (not STV0680-001) or USB
interface, through demo software, a TWAIN driver, or OEM custom application. The license to use the colour algorithm
(embedded in the PC driver software) is included in the price of the chipset.
A video option is provided, when tethered through USB, which can allow for Video for Windows applications, and ‘video clips’ can
be recorded while untethered by continuously capturing images while in ‘Continuous’ mode, then downloaded to the PC for
playback, using software to create an AVI file.
Precise design guidelines are available from ST as a reference design (see Section 9.) A PC software development kit (SDK) is
available from ST, to interface to the camera and provide the basis for developing a custom software application for stills and/or
video, which includes colour processing software.
Figure 1 : Typical camera system block diagram
1.2
Co-processor choices
The following co-processor choices are available. The STV0680A supercedes STV0680, and uses different silicon and different
firmware compared to STV0680. Functionally it is exactly the same as STV0680 except that it supports a VfW driver. In addition,
a new firmware variant means that the STV0680A also supports VV6410 and VV6500 sensors, as well as 64Mbit memory size.
The firmware variant of STV0680 denoted by STV0680-001 does not support RS232 interface.:
Co-
processor
Sensors
supported
SDRAM
supported
USB
interface
RS232
interface
Video for
Windows
support
STV0680-001
VV6444
16Mbit only
Yes
No
No
STV0680A-002
VV6444/6410/6500
16Mbit or 64Mbit
Yes
Yes
Yes
Table 1 : Product choices
CMOS Sensor:
Sensor data
STV0680A
USB interface
16M Bit or 64M Bit
SDRAM
VV6444/6410
RS232
I/F
USB
I/F
mem ory
I/F
RS232 interface
GPIO
Sensor
I/F
PW M
LED Indicator
6-9V Battery e.g., PP 3,
(CIF)
VV6500
12M H z XTA L
A udio I/F
Mini
LCD
Driver
2 x 7 seg. LC D
Push buttons:
Buffer A m p
Transceiver
(VGA)
Low cost lens
Piezo
Mode
O ptional
O ptional
O ptional
Buzzer
Shutter
speaker
3v3 supply (S TV0680A)
Sw itched sensor supply (5V for V V6444, 3v3 for VV 6410/6500)
4-6 x AA, A AA, etc
Pow er
M anagem ent
Circuit
Detect Low
Battery
to PC
to PC
Circuit
Sensor clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com