Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VV6444C001 Datasheet(PDF) 18 Page - STMicroelectronics

Part # VV6444C001
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6444C001 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VV6444C001 Datasheet HTML 14Page - STMicroelectronics VV6444C001 Datasheet HTML 15Page - STMicroelectronics VV6444C001 Datasheet HTML 16Page - STMicroelectronics VV6444C001 Datasheet HTML 17Page - STMicroelectronics VV6444C001 Datasheet HTML 18Page - STMicroelectronics VV6444C001 Datasheet HTML 19Page - STMicroelectronics VV6444C001 Datasheet HTML 20Page - STMicroelectronics VV6444C001 Datasheet HTML 21Page - STMicroelectronics VV6444C001 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
18
STV0680F_contents.fm
4.
STV0680A hardware interfaces
4.1
STV0680A pinout
The STV0680A pinout has been carefully developed to minimise the physical size of the support printed circuit board by
facilitating placement of and electrical routing to peripheral support components such as the SDRAM. The complete pinout and
listing is shown in Section 8.
4.2
Sensor interface
STV0680A uses a standard ST digital interface from the sensor, and the sensor clock input is provided by an output from
STV0680A. Designing a camera using this chipset should design as close as possible to the reference design (Section 9.), in
which case the chipset can be regarded as a functional ‘black box’, and no further details regarding the STV0680A-sensor
interface are required.
4.3
Memory interface
STV0680A is designed to interface to an external 16Mbit or 64Mbit SDRAM (see Table 4 and Table 5). The SDRAM device must
have a 16 bit wide data bus and operate from a 3.3V supply. Two sizes of SDRAM memory are supported by STV0680A, 16MBits
(1M x 16 bits wide) or 64MBits (4M x 16 bits wide), the memory size is auto-detected by STV0680A. STV0680A clocks the
SDRAM at 6MHz, typically this is well below the figures offered by most manufacturers’ devices. Devices which are PC66 and/or
PC100 compliant are preferred. For interface wiring, see Section 9.
4.3.1
SDRAM Current consumption
For maximum system battery life while no pictures are being taken, and to assist in meeting requirements for USB compliance, an
SDRAM should be chosen with the lowest possible self refresh current specification. For suggested SDRAM part numbers, see
Section 9.
4.3.2
SDRAM interface timing requirements
The following timing diagrams should be referred to when selecting SDRAM other than those recommended in Section 9.
DCLK
Command
DQM
A0-9,BA
A10
ACTIVE
READ
NOP
PRECHARGE
NOP
ROW
COLUMN
ROW
DOUT M
DOUT M + 1
DOUT M + 2
DOUT M + 3
DQ
READ Latency
tCK
tRC D
tRC
CK E
tRAS
DQ sam ple
DQ sam ple
DQ sam ple
DQ sam ple
tRP
tCMS
tCMH
tAS
tAH
tL
tH
tCMS
tCMH
tAC
tOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com