Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISD-T267SP Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ISD-T267SP
Description  DIGITAL SPEECH PROCESSOR
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD-T267SP Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ISD-T267SP Datasheet HTML 17Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 18Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 19Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 20Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 21Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 22Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 23Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 24Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
6&'%&

1-13
ISD
1 & %  )
 0A! !&+ &' /) "+" &  G
%1 1 ' /)   G ' 1 ''&
 '&H ! 1 ''& /)   &'
=4> !  24 "+" 1 "+"  ,!!%' /+
1& 24 "+" ' ! 2 "+"   
A' /+ 1 2 $  1 ' !, 1 2 "+"
1 &"!  &'  -G %1 
/"! "H =66> 1 ''& &
H' ) -  "!A  -6 "+"  ''' ,
& 1 - "+" 1 ''& & H' ) 1
' !, -6
4<  "H =66> ')& 1 &' /) "+"
, 2&% 
1 !A"6 A&!"!& A&!H'  !
"1A &," ! %! & "!'" 1 &,"
)AA!& "!'" !A&!  ! !& 1!&,&
,!& 1 ,!&  "' %1 1  "!
'
1 "!'" &," ) ,H  G 
G 9G < ' 
1  A) A ' 1 G 9G '
< !)A) A & "!"' ! 1 ,& "!
'" 1 "!' "!'"  "!"' ! G
G 9 ' 1  !)A) A
  &,&&' ! 1 "!'" 1&!)1 1 
 A   &' ,&! 1 "!'" 1&!)1 1
 A
 #  
41 1!& ,& A&!!"!  "!,)&'G 1
' / & 0"1' %1 "1 "!'" 
"1 ,&G   G < "+"
 &,& & %1 <   ! ,!& !
9 "+" 1 '  1 &'G //+
/G H 1  !)A) A !")&&+G 1 &
"H' '  1,'  H 1  A) A
  1,' ! /  "1 9 "+"
,& 1  / 1 / 1,'G    !
,!& ! 9 "+" 1G 1 ' ,&! 1 "
!' "!'"  1,' !) H G "!")&&+
%1 1 %&' 1, !, 1 ' &"H' H 
)& < 1!% 1!% 1 "!'" &," 
 /1H %1 1!& ,& A&!!"!  "!,
)&'
Figure 1-10: Codec Protocol—Short Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com