Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISD-T267SP Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ISD-T267SP
Description  DIGITAL SPEECH PROCESSOR
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD-T267SP Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ISD-T267SP Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 16Page - List of Unclassifed Manufacturers ISD-T267SP Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
6&'%&

1-5
ISD
Table 1-1: CompactSPEECH Pin—Signal Assignment
Pin Name
Type
Signal Name
Input/Output
#&'(

#&'(
)*)*
#&'(

 ' 
)*)*
+&'(

&'(
,)*-)*)*
+ 

 
)*)*



)*)*



,)*



)*)*



)*)*



)*)*
&'(

&'(
,)*-)*)*
% -%


% . 
%
)*)*
,)*
 

 
)*)*



,)*



)*)*
 

 
,)*
 

 
,)*



,)*



)*)*



)*)*
$

$
)*)*
+&'(

%#&'(
)*)*
+&'(

&'(
)*)*
%%
/01 **
%%
,)*

"!2


"!2

2%.2#2
1 ,!!% "! ' 1 A !, 1
2 $ A&!"!& 1 A& 1
 !,  1 1& 1  A
2+.2%1%.2#2
/ 1!%  1 AG ' 1  1
) 1  ',,& "!,)&!  ! 1!%
1 +A ' '&"! !, "1 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com