Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GC01MPS12-252 Datasheet(PDF) 3 Page - GeneSiC Semiconductor, Inc.

Part # GC01MPS12-252
Description  Silicon Carbide Power Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GC01MPS12-252 Datasheet(HTML) 3 Page - GeneSiC Semiconductor, Inc.

  GC01MPS12-252 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 7Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GC01MPS12-252
1200 V SiC MPS™ Diode
Feb 2018 Rev1.1
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
IF = f(TC); D = tP/T, tP= 10 µs
Figure 5: Current Derating Curves
Qc = f(VR); Tj = 25 °C; f = 1MHz
Figure 7: Typical Capacitive Charge vs.
Reverse Voltage Characteristics
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
= 10 µs
C = f(VR); Tj = 25 °C; f = 1MHz
Figure 5: Current Derating Curves
Figure 6: Typical Junction Capacitance vs
Reverse Voltage Characteristics
; f = 1MHz
EC = f(VR); Tj = 25 °C; f = 1MHz
Typical Capacitive Charge vs.
Characteristics
Figure 8: Typical Capacitive Energy vs.
Reverse Voltage Characteristics
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
Page 3 of 6
; f = 1MHz
Figure 6: Typical Junction Capacitance vs
Reverse Voltage Characteristics
; f = 1MHz
Figure 8: Typical Capacitive Energy vs.
Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com