Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GC01MPS12-252 Datasheet(PDF) 7 Page - GeneSiC Semiconductor, Inc.

Part # GC01MPS12-252
Description  Silicon Carbide Power Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESIC [GeneSiC Semiconductor, Inc.]
Direct Link  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

GC01MPS12-252 Datasheet(HTML) 7 Page - GeneSiC Semiconductor, Inc.

  GC01MPS12-252 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 4Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 5Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 6Page - GeneSiC Semiconductor, Inc. GC01MPS12-252 Datasheet HTML 7Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
GC01MPS12-252
1200 V SiC MPS™ Diode
Feb 2018 Rev1.1
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
SPICE Model Parameters
This is a secure document. Please copy this code from the SPICE model PDF file on our website
(http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/GC01MPS12
into LTSPICE (version 4) software for simulation of the G
*
GeneSiC Semiconductor SiC MPS
*
Revision: 1.1
*
Date: February-2018
**************************************************************************
**
TO-252-2 package
**************************************************************************
.SUBCKT GC01MPS12 A K Case
L_anode
A
AD
6n
D1
AD
Case
GC0
L_cathode
K
Case
6n
.ends
***********************************************
.SUBCKT GC01MPS12 ANODE KATHODE
D1 ANODE KATHODE GC01MPS12_SCHOTTKY
.MODEL GC01MPS12_SCHOTTKY D
+ IS
1.01E-15
+ N
1
+ EG
1.2
+ TRS1
0.005434
+ CJO
9.48E-11
+ M
0.438
+ TT
1.00E-10
+ IBV
0.1E-06
+ IAVE
1
+ MFG
GeneSiC_Semi
.ENDS
* End of GC01MPS12-252 SPICE Model
**************************************************************************
* This model is provided "AS IS, WHERE IS, AND WITH NO WARRANTY OF ANY KIND
* EITHER EXPRESSED OR IMPLIED, INCLUDING BUT NOT LIMITED TO ANY IMPLIED
* WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE."
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
This is a secure document. Please copy this code from the SPICE model PDF file on our website
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/GC01MPS12
tware for simulation of the GC01MPS12-252.
GeneSiC Semiconductor SiC MPSTM Rectifier
**************************************************************************
2 package
**************************************************************************
L_anode
A
AD
6n
D1
AD
Case
GC01MPS12
L_cathode
K
Case
6n
**************************************************************************
12 ANODE KATHODE
12_SCHOTTKY
12_SCHOTTKY D
15
RS
0.622
IKF
500
XTI
2
TRS2
2.717E-05
VJ
0.879
FC
0.5
BV
1600
VPK
1200
TYPE
SiC_MPSTM
SPICE Model
**************************************************************************
provided "AS IS, WHERE IS, AND WITH NO WARRANTY OF ANY KIND
* EITHER EXPRESSED OR IMPLIED, INCLUDING BUT NOT LIMITED TO ANY IMPLIED
* WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE."
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/
Page 1 of 1
This is a secure document. Please copy this code from the SPICE model PDF file on our website
http://www.genesicsemi.com/sic_rectifiers_diodes/merged_pin_schottky/GC01MPS12-252_SPICE.pdf)
**************************************************************************
**************************************************************************
***************************
**************************************************************************
provided "AS IS, WHERE IS, AND WITH NO WARRANTY OF ANY KIND
* EITHER EXPRESSED OR IMPLIED, INCLUDING BUT NOT LIMITED TO ANY IMPLIED
* WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE."



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com