Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4302CMS-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4302CMS-2
Description  Addressable 2-Wire Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4302CMS-2 Datasheet(HTML) 1 Page - Linear Technology

  LTC4302CMS-2 Datasheet HTML 1Page - Linear Technology LTC4302CMS-2 Datasheet HTML 2Page - Linear Technology LTC4302CMS-2 Datasheet HTML 3Page - Linear Technology LTC4302CMS-2 Datasheet HTML 4Page - Linear Technology LTC4302CMS-2 Datasheet HTML 5Page - Linear Technology LTC4302CMS-2 Datasheet HTML 6Page - Linear Technology LTC4302CMS-2 Datasheet HTML 7Page - Linear Technology LTC4302CMS-2 Datasheet HTML 8Page - Linear Technology LTC4302CMS-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC4302-1/LTC4302-2
1
sn430212 430212fs
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
The LTC
®4302-1/LTC4302-2 addressable I2C bus and
SMBus compatible bus buffers allow a peripheral board
to be inserted and removed from a live backplane without
corruption of the bus. The LTC4302-1/LTC4302-2 main-
tain electrical isolation between the backplane and periph-
eral board until their VCC supply is valid and a master
device on the backplane side addresses the LTC4302-1/
LTC4302-2 and commands them to connect. The
LTC4302-1/LTC4302-2’s ADDRESS pin provides 32 pos-
sible addresses set by an external resistive divider be-
tween VCC and GND. The LTC4302-1/LTC4302-2 work
with supply voltages ranging from 2.7V to 5.5V. The SDA
and SCL inputs and outputs do not load the bus lines when
VCC is low.
Rise time accelerator circuitry* allows for heavier capaci-
tive bus loading while still meeting system timing require-
ments. During insertion, the SDA and SCL lines are
precharged to 1V to minimize bus disturbances. Two
general purpose input/output pins (GPIOs) on the
LTC4302-1 can be configured as inputs, open-drain out-
puts or push-pull outputs. The LTC4302-2 option replaces
one GPIO pin with a second supply voltage pin VCC2,
providing level shifting between systems with different
supply voltages. The LTC4302-1/LTC4302-2 are available
in a 10-pin MSOP package.
s
Live Board Insertion
s
5V/3.3V Level Translator
s
Servers
s
Capacitance Buffer/Bus Extender
s
Nested Addressing
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Bidirectional Buffer for SDA and SCL Lines
Increases Fanout
s
Connect SDA and SCL Lines with 2-Wire Bus
Commands
s
Prevents SDA and SCL Corruption During Live Board
Insertion and Removal from Backplane
s
Compatible with I2C
TM Standard Mode, I2C Fast
Mode and SMBus Standards
s
Rise Time Accelerators on SDA, SCL Lines
s
1V Precharge on SDA and SCL Lines
s
32 Unique Addresses from a Single ADDRESS Pin
s
Two General Purpose Inputs-Outputs (LTC4302-1)
s
Translates Between 5V and 3.3V Systems
(LTC4302-2)
s
Small 10-Pin MSOP Package
Addressable
2-Wire Bus Buffers
VCC
LTC4302-1
SDAIN
C1
0.01
µF
CARD SDA
CARD SCL
R7
10k
R6
10k
R8
1k
R9
1k
2.7V
to
5.5V
R3
10k
R4
10k
R5
10k
R1
1870
Ω
R2
2000
Ω
SDA
SCL
SCLIN
CONN
ADDRESS
GND
LED
LED
4203 TA01a
SDAOUT
SCLOUT
GPIO1
GPIO2
I2C is a trademark of Philips Electronics N.V.
*U.S. Patent No. 6,650,174
4032 F10
OUTPUT
SIDE
50pF
INPUT
SIDE
150pF
Input-Output Connection tPLH
0.1
µs/DIV


Similar Part No. - LTC4302CMS-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4302-1 LINER-LTC4302-1 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4302-1 LINER-LTC4302-1 Datasheet
294Kb / 20P
2-Wire Bus Buffers with High Noise Margin
LTC4302-1 LINER-LTC4302-1 Datasheet
208Kb / 20P
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4302-1 LINER-LTC4302-1 Datasheet
281Kb / 20P
2-Wire Bus Buffer with High Noise Margin
LTC4302-1 LINER-LTC4302-1 Datasheet
228Kb / 16P
Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4302CMS-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311A TI1-TCA4311A Datasheet
695Kb / 22P
HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
Hot Swappable 2-Wire Bus Buffers
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
Hot Swappable 2-Wire Bus Buffers
LTC4302-1 LINER-LTC4302-1_15 Datasheet
303Kb / 20P
Addressable 2-Wire Bus Buffers
LTC4302-2 LINER-LTC4302-2_15 Datasheet
303Kb / 20P
Addressable 2-Wire Bus Buffers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com