Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4302CMS-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4302CMS-2
Description  Addressable 2-Wire Bus Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4302CMS-2 Datasheet(HTML) 4 Page - Linear Technology

  LTC4302CMS-2 Datasheet HTML 1Page - Linear Technology LTC4302CMS-2 Datasheet HTML 2Page - Linear Technology LTC4302CMS-2 Datasheet HTML 3Page - Linear Technology LTC4302CMS-2 Datasheet HTML 4Page - Linear Technology LTC4302CMS-2 Datasheet HTML 5Page - Linear Technology LTC4302CMS-2 Datasheet HTML 6Page - Linear Technology LTC4302CMS-2 Datasheet HTML 7Page - Linear Technology LTC4302CMS-2 Datasheet HTML 8Page - Linear Technology LTC4302CMS-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4302-1/LTC4302-2
4
sn430212 430212fs
TYPICAL PERFOR A CE CHARACTERISTICS
–40
25
85
TEMPERATURE (
°C)
4302 G01
6.1
5.9
5.7
5.5
5.3
5.1
4.9
4.7
4.5
4.3
VCC = 5.5V
VCC = 2.7V
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
4302 G02
100
80
60
40
20
0
VCC = 2.7V
VCC = 3.3V
VCC = 5.5V
CIN = COUT = 100pF
RPULLUPIN = RPULLUPOUT = 10k
ICC vs Temperature
Input – Output tPHL vs Temperature
IPULLUPAC vs Temperature
SDA, SCL VOS
–50
–25
0
25
50
75
100
TEMPERATURE (
°C)
4302 G03
12
10
8
6
4
2
0
VCC = 2.7V
VCC = 5V
VCC = 3V
RPULLUP (KΩ)
0
10
20
30
40
4302 G04
300
250
200
150
100
50
0
VCC = 3.3V
VCC = 5V
VIN = 0V
(Specifications are at TA = 25°C unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com