Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LB-3333 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LB-3333
Description  colorless, micro diffused 3 mm (T1) package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-3333 Datasheet(HTML) 1 Page - OSRAM GmbH

  LB-3333 Datasheet HTML 1Page - OSRAM GmbH LB-3333 Datasheet HTML 2Page - OSRAM GmbH LB-3333 Datasheet HTML 3Page - OSRAM GmbH LB-3333 Datasheet HTML 4Page - OSRAM GmbH LB-3333 Datasheet HTML 5Page - OSRAM GmbH LB-3333 Datasheet HTML 6Page - OSRAM GmbH LB-3333 Datasheet HTML 7Page - OSRAM GmbH LB-3333 Datasheet HTML 8Page - OSRAM GmbH LB-3333 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LB 3333, LT 3333
Hyper 3 mm (T1) LED
Hyper-Bright LED
Lead (Pb) Free Product - RoHS Compliant
Vorläufige Daten für OS-PCN-2007-003-A /
Preliminary Data for OS-PCN-2007-003-A
2008-05-19
1
Besondere Merkmale
• Gehäusetyp: nicht eingefärbtes, mikrodiffuses
3 mm (T1) Gehäuse
• Besonderheit des Bauteils: enge
Abstrahlcharakteristik; Lötspieße mit
Aufsetzebene
• Wellenlänge: 470 nm (blau),
528 nm (true green)
• Abstrahlwinkel: 40°
• Technologie: InGaN
• optischer Wirkungsgrad: 2 lm/W (blau),
8 lm/W (true green)
• Gruppierungsparameter: Lichtstärke,
Wellenlänge
• Lötmethode: Wellenlöten (TTW)
• Verpackung: Schüttgut, gegurtet lieferbar
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-D
Anwendungen
• Informationsanzeigen im Außenbereich
• optischer Indikator
• Signal- und Symbolleuchten
• Markierungsbeleuchtung (z.B. Stufen,
Fluchtwege, u.ä.)
Features
• package: colorless, micro diffused 3 mm (T1)
package
• feature of the device: narrow viewing angle,
solder leads with stand-off
• wavelength: 470 nm (blue),
528 nm (true green)
• viewing angle: 40°
• technology: InGaN
• optical efficiency: 2 lm/W (blue),
8 lm/W (true green)
• grouping parameter: luminous intensity,
wavelength
• soldering methods: TTW soldering
• packing: bulk, available taped on reel
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D
Applications
• outdoor displays
• optical indicators
• signal and symbol luminaire
• marker lights (e.g. steps, exit ways, etc.)


Similar Part No. - LB-3333

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB-300-100 ETC2-LB-300-100 Datasheet
109Kb / 1P
TYPE LB: 170 through 600 Amperes
LB-300-100 ETC2-LB-300-100 Datasheet
109Kb / 1P
170 through 600 Amperes
LB-300-50 ETC2-LB-300-50 Datasheet
109Kb / 1P
TYPE LB: 170 through 600 Amperes
LB-300-50 ETC2-LB-300-50 Datasheet
109Kb / 1P
170 through 600 Amperes
logo
Rohm
LB-302DF ROHM-LB-302DF Datasheet
70Kb / 3P
High efficiency, two-digit numeric displays
More results

Similar Description - LB-3333

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS336K OSRAM-LS336K Datasheet
349Kb / 12P
colored, diffused 3 mm (T1) package
LS3366 OSRAM-LS3366 Datasheet
324Kb / 12P
colored, diffused 3 mm (T1) package
LS3386 OSRAM-LS3386 Datasheet
219Kb / 12P
colored, diffused 3 mm (T1) package
LU5351 OSRAM-LU5351 Datasheet
310Kb / 12P
colorless, diffused 5 mm package
LA-543B OSRAM-LA-543B Datasheet
340Kb / 13P
colorless, clear 5 mm (T1 쩐) package
LS-3366 OSRAM-LS-3366 Datasheet
324Kb / 12P
colored, diffused 3 mm (T1) package
LW-3333 OSRAM-LW-3333 Datasheet
349Kb / 13P
colorless, clear 3 mm (T1) package
LS-336K OSRAM-LS-336K Datasheet
349Kb / 12P
colored, diffused 3 mm (T1) package
LS-3336 OSRAM-LS-3336 Datasheet
487Kb / 12P
colorless, micro diffused 3 mm (T1) package
LS-3386 OSRAM-LS-3386 Datasheet
219Kb / 12P
colored, diffused 3 mm (T1) package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com