Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL5216 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL5216
Description  Four-Channel Programmable Digital Downconverter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5216 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL5216 Datasheet HTML 9Page - Renesas Technology Corp ISL5216 Datasheet HTML 10Page - Renesas Technology Corp ISL5216 Datasheet HTML 11Page - Renesas Technology Corp ISL5216 Datasheet HTML 12Page - Renesas Technology Corp ISL5216 Datasheet HTML 13Page - Renesas Technology Corp ISL5216 Datasheet HTML 14Page - Renesas Technology Corp ISL5216 Datasheet HTML 15Page - Renesas Technology Corp ISL5216 Datasheet HTML 16Page - Renesas Technology Corp ISL5216 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
ISL5216
FN6013 Rev.3.00
Page 13 of 65
July 13, 2007
Back End Data Routing
Back End Section
One back-end processing section is provided per channel.
Each back end section consists of a filter compute engine, a
FIFO/timer for evenly spacing samples (important when
implementing interpolation filters and resamplers), an AGC
and a cartesian-to-polar coordinate conversion block. A
block diagram showing the major functional blocks and data
routing is shown above. The data input to the back end
section is through the filter compute engine. There are two
other inputs to the filter compute engine, they are a data
recirculation path for cascading filters and a magnitude and
d
/dt feedback path for AM and FM filtering. There are seven
outputs from each back end processing section. These are I
and Q directly out of the filter compute engine (I2, Q2), I and
Q passed through the FIFO and AGC multipliers (I1, Q1),
magnitude (MAG), phase (or d
/dt), and the AGC gain
control value (GAIN). The I2/Q2 outputs are used when
cascading back end stages. The routing of signals within the
back end processing section is controlled by the filter
compute engine. The routing information is embedded in the
instruction bit fields used to define the digital filter being
implemented in the filter compute engine.
MAG: I
dphi/dt: Q
AGC
LOOP
FILTER
FILTER
COMPUTE
ENGINE
MUX
FIFO/
TIMER
AGC
MULT
CART
TO
POLAR
SHIFT
d/dt
M
U
X
x1, x2
x4, x8
M
U
X
FROM
CIC
PATH 0
PATH 2
(4:0)
I1
Q1
GAIN
MAG
PHASE
I2
Q2
DESTINATION BIT MAP
(BITS 28:18 OF FIR INSTRUCTIONS BIT FIELD)
28 27
25 24 23 22 21 20 19 18
28
27
26, 25
24
23
22:18
AGC LOOP GAIN SELECT (PATH 01 ONLY)
UPDATE AGC LOOP (PATH 01 ONLY)
PATH 00 - - IMMEDIATE FILTER PROCESSOR FEEDBACK PATH
01 - - FIFO/AGC PATH TO I1 AND Q1
10 - - DIRECT OUT/CASCADE PATH TO I2 AND Q2
11 - - FIFO/AGC PATH TO I2 AND Q2
STROBE OUTPUT SECTION (START SERIAL OUTPUT WITH THIS SAMPLE)
FEED MAG/PHASE BACK TO FILTER PROCESSOR
FILTER PROCESSOR SEQUENCE STEP NUMBER
26
EXT AGC
GAIN
PATH 1
PATH 3
I2
Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com