Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL5216 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL5216
Description  Four-Channel Programmable Digital Downconverter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5216 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL5216 Datasheet HTML 17Page - Renesas Technology Corp ISL5216 Datasheet HTML 18Page - Renesas Technology Corp ISL5216 Datasheet HTML 19Page - Renesas Technology Corp ISL5216 Datasheet HTML 20Page - Renesas Technology Corp ISL5216 Datasheet HTML 21Page - Renesas Technology Corp ISL5216 Datasheet HTML 22Page - Renesas Technology Corp ISL5216 Datasheet HTML 23Page - Renesas Technology Corp ISL5216 Datasheet HTML 24Page - Renesas Technology Corp ISL5216 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
ISL5216
FN6013 Rev.3.00
Page 21 of 65
July 13, 2007
63
Reserved
Set to 0.
66:64
Coefficient Memory
Block Size
66:64
Memory Block Size
08
116
2
32
364
4
128
5
256
6
512
7
1024
(Modulo addressing can be used, but is usually not needed. If not needed this bit field can always be
set to 7).
75:67
Number of FIR
Outputs
Number of FIR outputs (range is 1 to 512, load w/ desired value minus 1).
This is usually equal to the total decimation that follows the filter.
84:76
Read Address
Pointer Step
Read address pointer step (for next run). This is usually equal to the filter decimation times the number
of outputs from the instruction.
93:85
Initial Address Offset Initial address offset (to ADDRB). This is the offset from the start address to other end of filter.
For symmetric filters, usually equal to -1 x (number of taps -1).
95:94
Reserved
Set to 0
104:96
Memory Reads Per
FIR Output
This is based on the number of taps (load with value below minus 1).
Type
Value
Symmetric, even number of taps
(taps/2) or floor((taps+1)/2).
Symmetric, odd number of taps
(taps+1)/2 or floor((taps+1)/2).
Decimating HBF
(taps+5)/4.
Asymmetric
taps.
Complex
taps .
Resampling
taps/phase (six taps per phase for the ROM’d coefficients provided).
Interpolating HBF
(taps+5)/4-1 .
106:105
Clocks Per
Memory Read
Set to 0 for all but complex FIR, which is set to 1.
115:107
Data Memory
Step Size 1
(ADDRA) Step size for all but the last tap computation of the FIR.
Set to -2 for HBF, -1 otherwise.
117:116
Data Memory
Step Size 2
(ADDRA) Step size for last tap computation. Set to -1.
117:116
Step size
0
0
1
-1
2
-2
3
step size value.
119:118
Data Memory
Address Offset Step
(ADDRB) Step size for opposite end of symmetric filter. Set to +2 for Decimating HBF, to +1 for others
(the B data is not used for asymmetric, resampling, and complex filters).
122:120
Coefficient Memory
Step Size
(ADDRC) Usually set to 1.
122:120
Step size
00
1
1
2
2
34
4
8
5
16
6
32
764
INSTRUCTION BIT FIELDS (Continued)
BIT
POSITIONS
FUNCTION
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com