Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC755CPX400LE Datasheet(PDF) 29 Page - Motorola, Inc

Part # MPC755CPX400LE
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC755CPX400LE Datasheet(HTML) 29 Page - Motorola, Inc

Back Button MPC755CPX400LE Datasheet HTML 25Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 26Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 27Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 28Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 29Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 30Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 31Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 32Page - Motorola, Inc MPC755CPX400LE Datasheet HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
29
Pinout Listings
DH[0:31]
W12, W11, V11, T9, W10, U9, U10, M11, M9, P8, W7,
P9, W9, R10, W6, V7, V6, U8, V9, T7, U7, R7, U6, W5,
U5, W4, P7, V5, V4, W3, U4, R5
High
I/O
OVDD
DL[0:31]
M6, P3, N4, N5, R3, M7, T2, N6, U2, N7, P11, V13, U12,
P12, T13, W13, U13, V10, W8, T11, U11, V12, V8, T1,
P1, V1, U1, N1, R2, V3, U3, W2
High
I/O
OVDD
DP[0:7]
L1, P2, M2, V2, M1, N2, T3, R1
High
I/O
OVDD
DRTRY
H6
Low
Input
OVDD
GBL
B1
Low
I/O
OVDD
GND
D10, D14, D16, D4, D6, E12, E8, F4, F6, F10, F14, F16,
G9, G11, H5, H8, H10, H12, H15, J9, J11, K4, K6, K8,
K10, K12, K14, K16, L9, L11, M5, M8, M10, M12, M15,
N9, N11, P4, P6, P10, P14, P16, R8, R12, T4, T6, T10,
T14, T16
——
GND
HRESET
B6
Low
Input
OVDD
INT
C11
Low
Input
OVDD
L1_TSTCLK
F8
High
Input
—
2
L2ADDR[16:0]
G18, H19, J13, J14, H17, H18, J16, J17, J18, J19, K15,
K17, K18, M19, L19, L18, L17
High
Output
L2OVDD
L2AVDD
L13
—
—
2.0 V
L2CE
P17
Low
Output
L2OVDD
L2CLK_OUTA
N15
—
Output
L2OVDD
L2CLK_OUTB
L16
—
Output
L2OVDD
L2DATA[0:63]
U14, R13, W14, W15, V15, U15, W16, V16, W17, V17,
U17, W18, V18, U18, V19, U19, T18, T17, R19, R18,
R17, R15, P19, P18, P13, N14, N13, N19, N17, M17,
M13, M18, H13, G19, G16, G15, G14, G13, F19, F18,
F13, E19, E18, E17, E15, D19, D18, D17, C18, C17,
B19, B18, B17, A18, A17, A16, B16, C16, A14, A15,
C15, B14, C14, E13
High
I/O
L2OVDD
L2DP[0:7]
V14, U16, T19, N18, H14, F17, C19, B15
High
I/O
L2OVDD
L2OVDD
D15, E14, E16, H16, J15, L15, M16, P15, R14, R16,
T15, F15
——
L2OVDD
L2SYNC_IN
L14
—
Input
L2OVDD
L2SYNC_OUT
M14
—
Output
L2OVDD
L2_TSTCLK
F7
High
Input
—
2
L2VSEL
A19
High
Input
L2OVDD
1, 5, 6, 7
L2WE
N16
Low
Output
L2OVDD
Table 15. Pinout Listing for the MPC755, 360 BGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Voltage 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com