| Electronic Components Datasheet Search |
|
MPC755CPX400LE Datasheet(PDF) 46 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC755CPX400LE Datasheet(HTML) 46 Page - Motorola, Inc |
|
46 / 56 page ![]() MPC755 RISC Microprocessor Hardware Specifications, Rev. 6.1 46 Freescale Semiconductor System Design Information Figure 26. C4 Package with Heat Sink Mounted to a Printed-Circuit Board 8.8.2 Adhesives and Thermal Interface Materials A thermal interface material is recommended at the package lid-to-heat sink interface to minimize the thermal contact resistance. For those applications where the heat sink is attached by spring clip mechanism, Figure 27 shows the thermal performance of three thin-sheet thermal-interface materials (silicone, graphite/oil, floroether oil), a bare joint, and a joint with thermal grease as a function of contact pressure. As shown, the performance of these thermal interface materials improves with increasing contact pressure. The use of thermal grease significantly reduces the interface thermal resistance. That is, the bare joint results in a thermal resistance approximately seven times greater than the thermal grease joint. Heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board (see Figure 25). This spring force should not exceed 5.5 pounds of force. Therefore, the synthetic grease offers the best thermal performance, considering the low interface pressure. Of course, the selection of any thermal interface material depends on many factors—thermal performance requirements, manufacturability, service temperature, dielectric properties, cost, etc. External Resistance External Resistance Radiation Convection Radiation Convection Heat Sink Printed-Circuit Board Thermal Interface Material (Note the internal versus external package resistance.) Internal Resistance Die/Package Package/Leads Die Junction |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |