Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE8250VSJ Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE8250VSJ
Description  High Speed CAN Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8250VSJ Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE8250VSJ Datasheet HTML 1Page - Infineon Technologies AG TLE8250VSJ Datasheet HTML 2Page - Infineon Technologies AG TLE8250VSJ Datasheet HTML 3Page - Infineon Technologies AG TLE8250VSJ Datasheet HTML 4Page - Infineon Technologies AG TLE8250VSJ Datasheet HTML 5Page - Infineon Technologies AG TLE8250VSJ Datasheet HTML 6Page - Infineon Technologies AG TLE8250VSJ Datasheet HTML 7Page - Infineon Technologies AG TLE8250VSJ Datasheet HTML 8Page - Infineon Technologies AG TLE8250VSJ Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Data Sheet
2
Rev. 1.0
2016-07-15
TLE8250V
High Speed CAN Transceiver
Overview
electromagnetic emission (EME) within a wide frequency range.
The TLE8250VSJ fulfills or exceeds the requirements of the ISO11898-2.
The TLE8250VSJ provides a digital supply input VIO and a power-save mode. It is designed to fulfill the
enhanced physical layer requirements for CAN FD and supports data rates up to 2 MBit/s.
On the basis of a very low leakage current on the HS CAN bus interface the TLE8250VSJ provides an excellent
passive behavior in power-down state. These and other features make the TLE8250VSJ exceptionally suitable
for mixed supply HS CAN networks.
Based on the Infineon Smart Power Technology SPT, the TLE8250VSJ provides excellent ESD immunity
together with a very high electromagnetic immunity (EMI). The TLE8250VSJ and the Infineon SPT technology
are AEC qualified and tailored to withstand the harsh conditions of the automotive environment.
Two different operating modes, additional fail-safe features like a TxD time-out and the optimized output
slew rates on the CANH and CANL signals, make the TLE8250VSJ the ideal choice for large HS CAN networks
with high data transmission rates.
Type
Package
Marking
TLE8250VSJ
PG-DSO-8
8250V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com