Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DLPC3432 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC3432
Description  Display Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC3432 Datasheet(HTML) 56 Page - Texas Instruments

Back Button DLPC3432 Datasheet HTML 52Page - Texas Instruments DLPC3432 Datasheet HTML 53Page - Texas Instruments DLPC3432 Datasheet HTML 54Page - Texas Instruments DLPC3432 Datasheet HTML 55Page - Texas Instruments DLPC3432 Datasheet HTML 56Page - Texas Instruments DLPC3432 Datasheet HTML 57Page - Texas Instruments DLPC3432 Datasheet HTML 58Page - Texas Instruments DLPC3432 Datasheet HTML 59Page - Texas Instruments DLPC3432 Datasheet HTML 60Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
Vertical Back Porch (VBP)
Vertical Front Porch (VFP)
Horizontal
Back
Porch
(HBP)
Horizontal
Front
Porch
(HFP)
TLPF
TPPL
APPL
ALPF
56
DLPC3432
DLPS108B – FEBRUARY 2018 – REVISED APRIL 2018
www.ti.com
Product Folder Links: DLPC3432
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Device Support (continued)
NOTE
1. Engineering prototype samples are marked with an X suffix appended to the TI part
number. For example, 2512737-0001X.
2. See Table 2, for DLPC343x resolutions on the DMD supported per part number.
12.1.3 Video Timing Parameter Definitions
Active Lines Per Frame (ALPF) Defines the number of lines in a frame containing displayable data: ALPF is a
subset of the TLPF.
Active Pixels Per Line (APPL) Defines the number of pixel clocks in a line containing displayable data: APPL
is a subset of the TPPL.
Horizontal Back Porch (HBP) Blanking Number of blank pixel clocks after horizontal sync but before the first
active pixel. Note: HBP times are referenced to the leading (active) edge of the respective sync
signal.
Horizontal Front Porch (HFP) Blanking Number of blank pixel clocks after the last active pixel but before
Horizontal Sync.
Horizontal Sync (HS) Timing reference point that defines the start of each horizontal interval (line). The
absolute reference point is defined by the active edge of the HS signal. The active edge (either
rising or falling edge as defined by the source) is the reference from which all horizontal blanking
parameters are measured.
Total Lines Per Frame (TLPF) Defines the vertical period (or frame time) in lines: TLPF = Total number of lines
per frame (active and inactive).
Total Pixel Per Line (TPPL) Defines the horizontal line period in pixel clocks: TPPL = Total number of pixel
clocks per line (active and inactive).
Vertical Sync (VS) Timing reference point that defines the start of the vertical interval (frame). The absolute
reference point is defined by the active edge of the VS signal. The active edge (either rising or
falling edge as defined by the source) is the reference from which all vertical blanking parameters
are measured.
Vertical Back Porch (VBP) Blanking Number of blank lines after the leading edge of vertical sync but before
the first active line.
Vertical Front Porch (VFP) Blanking Number of blank lines after the last active line but before the leading
edge of vertical sync.
Figure 31. Parameter Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com