Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL8272MAIRZ Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ISL8272MAIRZ
Description  50A Digital DC/DC PMBus Power Module
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8272MAIRZ Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ISL8272MAIRZ Datasheet HTML 26Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 27Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 28Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 29Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 30Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 31Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 32Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 33Page - Renesas Technology Corp ISL8272MAIRZ Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
ISL8272M
FN8670 Rev.5.00
Page 30 of 59
Nov 8, 2017
CLEAR_FAULTS (03h)
Definition: Clears all fault bits in all registers and releases the SALRT pin (if asserted) simultaneously. If a fault condition still exists, the
bit will reassert immediately. This command will not restart a device if it has shut down, it will only clear the faults.
Data Length in Bytes: 0 Byte
Data Format: N/A
Type: Write only
Default Value: N/A
Units: N/A
Reference: N/A
STORE_USER_ALL (15h)
Definition: Stores all PMBus settings from the operating memory to the nonvolatile USER store memory. To clear the USER store,
perform a RESTORE_FACTORY then STORE_USER_ALL. To add to the USER store, perform a RESTORE_USER_ALL, write commands to
be added, then STORE_USER_ALL. This command can be used during device operation, but the device will be unresponsive for 20ms
while storing values.
Data Length in Bytes: 0
Data Format: N/A
Type: Write only
Default Value: N/A
Units: N/A
RESTORE_USER_ALL (16h)
Definition: Restores all PMBus settings from the USER store memory to the operating memory. Command performed at power-up.
Security level is changed to Level 1 following this command. This command can be used during device operation, but the device will be
unresponsive for 20ms while storing values.
Data Length in Bytes: 0
Data Format: N/A
Type: Write only
Default Value: N/A
Units: N/A
VOUT_MODE (20h)
Definition: Reports the VOUT mode and provides the exponent used in calculating several VOUT settings. Fixed with linear mode with
default exponent (N) = -13
Data Length in Bytes: 1
Data Format: BIT
Type: Read-only
Default Value: 13h (Linear Mode, N = -13)
Units: N/A
VOUT_COMMAND (21h)
Definition: Sets or reports the target output voltage. This command cannot set a value higher than either VOUT_MAX or 110% of the pin
strap VOUT setting.
Data Length in Bytes: 2
Data Format: L16u
Type: R/W
Default Value: Pin strap setting
Units: Volts
Range: 0V to VOUT_MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com