Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LB-V19G Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LB-V19G
Description  SMT package, colorless diffused resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-V19G Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LB-V19G Datasheet HTML 4Page - OSRAM GmbH LB-V19G Datasheet HTML 5Page - OSRAM GmbH LB-V19G Datasheet HTML 6Page - OSRAM GmbH LB-V19G Datasheet HTML 7Page - OSRAM GmbH LB-V19G Datasheet HTML 8Page - OSRAM GmbH LB-V19G Datasheet HTML 9Page - OSRAM GmbH LB-V19G Datasheet HTML 10Page - OSRAM GmbH LB-V19G Datasheet HTML 11Page - OSRAM GmbH LB-V19G Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LB V19G
2008-12-15
8
Dominante Wellenlänge
2) Seite 15
Dominant Wavelength
2) page 15
λ
dom = f (IF); TA = 25 °C
I
OHL02479
462
dom
λ
0mA
nm
F
20
40
60
100
10
30
50
70 80
464
466
468
470
472
474
476



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com