Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV8206 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 27Page - STMicroelectronics STV8206 Datasheet HTML 28Page - STMicroelectronics STV8206 Datasheet HTML 29Page - STMicroelectronics STV8206 Datasheet HTML 30Page - STMicroelectronics STV8206 Datasheet HTML 31Page - STMicroelectronics STV8206 Datasheet HTML 32Page - STMicroelectronics STV8206 Datasheet HTML 33Page - STMicroelectronics STV8206 Datasheet HTML 34Page - STMicroelectronics STV8206 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 97 page
background image
31/97
STV82x6
I²C Bus
8I²C Bus
8.1
I²C Address and Protocol
The STV82x6 I²C interface works in Slave mode and is fully compliant with I²C standards in Fast
mode (maximum frequency of 400 kHz). Two pairs of I²C chip addresses are used to connect two
STV82x6 chips to the same I²C serial bus. The device address pairs are defined by the polarity of
the ADR pin and are listed in the following table:
Protocol Description
Write Protocol
Read Protocol
W = Write address,
R = Read address,
A = Acknowledge,
N=No acknowledge.
Sub-address is the register address pointer; this value auto-increments for both write and read.
The STV82x6 cannot immediately reply to an I²C read request when addressing DSP registers
(addresses 40h and greater).The I²C interface holds the I²C Serial Clock (SCL) line low before each
data byte is read to compensate for the latency of the DSP response (64 µs in worst case). The
implemented I²C Pulling Down mode is compatible with a Continuous or Stopped SCL when held
low (restart at high level, if stopped) and operates between 24 kHz and 400 kHz. If SCL Pulling
Down mode is not supported by the Master I²C interface, the Pulling Down system can be de-
activated by setting the SCLPD_OFF bit in register RESET. In this case, two successive reads of
the same DSP register are required and only the second one is valid (first read is ‘don’t care’). This
special protocol is no longer compatible with the I²C sub-address auto-incrementation function in
Read mode.
8.2
STV82x6 Reset
All STV82x6 features are controlled via the I²C bus. However, the device is designed to power up
into a fully working default mode without having to be sent I²C bus data to set it up.
The STV82x6 can be "reset" in 2 ways:
1. By Software via the I²C bus: This clears all synchronous logic, except for the I²C bus registers.
2. By Hardware via the RESET pin: In addition to clearing all synchronous logic, the RESET input
(active low) resets all the I²C bus registers to the default values listed below.
Table 8: I²C Read/Write Addresses
ADR
Write address (hex) (W)
Read address (hex) (R)
LOW (connected to GND1)
80h
81h
HIGH (connected to VDD1)
A0h
A1h
Start
W
A
Sub-address
A
Data
A
....
A
Data
A
Stop
Start
W
A
Sub-address
A
Stop
Start
R
A
Data
A
....
A
Data
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com