Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV8206 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STV8206
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8206 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STV8206 Datasheet HTML 29Page - STMicroelectronics STV8206 Datasheet HTML 30Page - STMicroelectronics STV8206 Datasheet HTML 31Page - STMicroelectronics STV8206 Datasheet HTML 32Page - STMicroelectronics STV8206 Datasheet HTML 33Page - STMicroelectronics STV8206 Datasheet HTML 34Page - STMicroelectronics STV8206 Datasheet HTML 35Page - STMicroelectronics STV8206 Datasheet HTML 36Page - STMicroelectronics STV8206 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
33/97
STV82x6
Register List
9
Register List
Note:
The unused bits (defined as reserved) in I²C registers must be kept to zero.
The system clock registers (from address 08h to 0Bh) do not need to be modified if a standard
27 MHz quartz crystal is used
The demodulator registers (from address 0Ch to 54h) default values are optimum and any change
is not recommended, except for:
AGCS (0Fh) to adjust AGC gain for AM carrier in L/L’ standard (AGC used in open loop)
CAROFFSET1(22h) and CAROFFSET2(3Ah) to compensate IF carrier frequency with an out-
of-standard offset
Soundlevel Prescaling PRE_FM(44h), PRE_NICAM(45h) and PRE_AUX(46h) to equalize
demodulated or external audio signal before audio processing. Peak detector registers
PEAK_DET_CTRL(4Bh) and PEAK_DET_STAT(4Ch) can be used to measure internal sound
level.
Sound source selection for each audio output channel Loudspeaker+Subwoofer, Headphone,
SCART and I²S to be done using CH_SEL(49h)
In Multi-lingual mode, CH_LANG(4Ah) selects separately the language for each audio output
channel.
AUTO_CTRL(50h) to select between L/L’ or D/K/K1/K2/K3 standard which can be
discriminated automatically. To be used also to change maximum FM deviation (125 kHz, by
default) in case of wide overmodulation.
AUTO_SCKM(51h) and AUTO_SCKST(52h) to define the list of mono and stereo standards to
be recognized automatically.
Note:
() used in reset value column means that the bit or the byte is read-only.
(S) symbol indicates that the field value is represented in signed binary format.
(*) The field AGC_ERR[4:0] (AGCS) can be written by user if the bit AGC_CMD (AGCC) is set to
one (by default controlled by AUTOSTD). To be used to adjust manually the input gain of analog
AGC amplifier for AM carrier (L/L’).
9.1
I²C Register Map
By default, all I²C registers controlled by Automatic Standard Recognition System (AUTOSTD) are
forced to Read-only mode for the user. These registers and bits are shaded in Table 10.
Table 10: List of I²C Registers (Sheet 1 of 5)
Name
Addr.
(Hex)
Reset
Value (Bin)
Register Function and Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IC General Control
CUT_ID
00h
(0001 0001)
SRS_ON
0
CUT_NUMBER[5:0]
RESET
02h
0000 0000
0
SCLPD_OF
F
AUTO_OFF
0
0
SOFT_LRS
T1
SOFT_LRS
T2
SOFT_RST
CTRL
03h
0000 0000
0
BUS_EXPAND[1:0]
I²S_EN
SDI_EN
0
MCK_EN
SYSCK_EN
I2S
04h
0000 0000
0
0
0
0
I2S_STD
I2S_WSPO
L
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com