Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRTB-G6SF Datasheet(PDF) 17 Page - OSRAM GmbH

Part # LRTB-G6SF
Description  white P-LCC-6 package with diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTB-G6SF Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button LRTB-G6SF Datasheet HTML 13Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 14Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 15Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 16Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 17Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 18Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 19Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 20Page - OSRAM GmbH LRTB-G6SF Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
LRTB G6SF
2010-12-02
17
Maßzeichnung8) Seite 23
Package Outlines8) page 23
Gewicht / Approx. weight:
40 mg
Gurtung / Polarität und Lage8) Seite 23
Verpackungseinheit 1000/Rolle, ø180 mm
Method of Taping / Polarity and Orientation8) page 23
Packing unit 1000/reel, ø180 mm
GPLY6118
2.8 (0.110)
0.6 (0.024)
0.7 (0.028)
0.5 (0.020)
3.5 (0.138)
2 (0.079)
0...0.15 (0.006)
C3
C1
A3
A1
C2
A2
1.6 (0.063)
3.1 (0.122)
2.6 (0.102)
0.4 (0.016)
0.5 (0.020)
0.3 (0.012)
0.7 (0.028)
0.5 (0.020)
Package marking
A1
A2
A3
C2
C3
C1
Pin-Assignment:
C1: Cathode; RED (R)
A1:
Anode; RED (R)
C2: Cathode; TRUE GREEN (T)
A2:
Anode; TRUE GREEN (T)
C3: Cathode; BLUE (B)
A3:
anode; BLUE (B)
3.5 (0.138)
4 (0.157)
1.5 (0.059)
2 (0.079)
0.3 (0.012) max.
OHTY0042
2.05 (0.081)
A3
C3
A2
C2
C1
A1
8 (0.315)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com