Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6445IAZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6445IAZ
Description  1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6445IAZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6445IAZ Datasheet HTML 7Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 8Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 9Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 10Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 11Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 12Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 13Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 14Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
FN9230 Rev 1.00
Page 14 of 15
Jun 3, 2008
ISL6445
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2005-2008. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
expression is given in the capacitor selection section and the
ripple current is approximated by Equation 15:
For the ISL6445, use Inductor values between 1µH to 3.3µH.
Input Capacitor Selection
The important parameters for the bulk input capacitor(s) are
the voltage rating and the RMS current rating. For reliable
operation, select bulk input capacitors with voltage and
current ratings above the maximum input voltage and largest
RMS current required by the circuit. The capacitor voltage
rating should be at least 1.25x greater than the maximum
input voltage and 1.5x is a conservative guideline. The AC
RMS Input current varies with the load. The total RMS
current supplied by the input capacitance is as shown in
Equation 16:
where,
DC is duty cycle of the respective PWM.
Depending on the specifics of the input power and its
impedance, most (or all) of this current is supplied by the
input capacitor(s). Figure 18 shows the advantage of having
the PWM converters operating out of phase. If the
converters were operating in phase, the combined RMS
current would be the algebraic sum, which is a much larger
value as shown. The combined out-of-phase current is the
square root of the sum of the square of the individual
reflected currents and is significantly less than the combined
in-phase current.
Use a mix of input bypass capacitors to control the voltage
ripple across the MOSFETs. Use ceramic capacitors for the
high frequency decoupling and bulk capacitors to supply the
RMS current. Small ceramic capacitors can be placed very
close to the upper MOSFET to suppress the voltage induced
in the parasitic circuit impedances.
For board designs that allow through-hole components, the
Sanyo OS-CON® series offer low ESR and good
temperature performance. For surface mount designs, solid
tantalum capacitors can be used, but caution must be
exercised with regard to the capacitor surge current rating.
These capacitors must be capable of handling the
surge-current at power-up. The TPS series available from
AVX is surge current tested.
I
L
VIN VOUT
–
 V
OUT

fS
 L
 V
IN

----------------------------------------------------------
=
(EQ. 15)
IRMS
IRMS1
2
IRMS2
2
+
=
(EQ. 16)
IRMSx
DC DC
2
–
=
(EQ. 17)
FIGURE 18. INPUT RMS CURRENT vs LOAD
12345
3.3V AND 5V LOAD CURRENT
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
IN PHASE
OUT-OF-PHASE
5V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com