Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6445IAZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6445IAZ
Description  1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6445IAZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6445IAZ Datasheet HTML 1Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 2Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 3Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 4Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 5Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 6Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 7Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 8Page - Renesas Technology Corp ISL6445IAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ISL6445
FN9230 Rev 1.00
Page 2 of 15
Jun 3, 2008
Typical Application Schematic
+
PGOOD
+12V
UGATE2
PHASE2
ISL6445IA
+
C1
R5
C10
19
22
4
24
6
14
LGATE2
Q2
13
ISEN2
R2
17
C8
BOOT2
VIN
5
D2
21
C5
R6
9
23
OCSET2
FB1
UGATE1
PHASE1
+
C9
PGND
LGATE1
ISEN1
R1
C7
BOOT1
D1
R4
BIAS
VCC5
7
R8
8
SD2
20
1
3
2
12
L2
10
SS1
SS2
11
SGND
16
C4
VOUT1
R3
Q1
FB2
VOUT2
SD1
+3.3V, 2A
C3
C6
L1
+1.8V, 2A
18
15
VCC5
R9
56µF
VCC5
10k
PGOOD
3.2µH
3.2µH
1.4k
0.1µF
0.1µF
150µF
150µF
10k
31.6k
10k
12.4k
10µF
10µF
0.1µF
0.1µF
BAT54HT1
BAT54HT1
FDS6912A
OCSET1
R7
FDS6912A
C2
4.7µF
1.4K
121k
121k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com