Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRT83SL314IB Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT83SL314IB
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314IB Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT83SL314IB Datasheet HTML 45Page - Exar Corporation XRT83SL314IB Datasheet HTML 46Page - Exar Corporation XRT83SL314IB Datasheet HTML 47Page - Exar Corporation XRT83SL314IB Datasheet HTML 48Page - Exar Corporation XRT83SL314IB Datasheet HTML 49Page - Exar Corporation XRT83SL314IB Datasheet HTML 50Page - Exar Corporation XRT83SL314IB Datasheet HTML 51Page - Exar Corporation XRT83SL314IB Datasheet HTML 52Page - Exar Corporation XRT83SL314IB Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PRELIMINARY
REV. P1.0.5
44
TABLE 17: MOTOROLA MODE: MICROPROCESSOR INTERFACE SIGNALS
XRT83SL314
PIN NAME
MOTOROLA
EQUIVALENT PIN
TYPE
DESCRIPTION
ALE_TS
TS
I
Transfer Start: This active high signal is used to latch the contents on the
address bus ADDR[7:0]. The contents of the address bus are latched into the
ADDR[7:0] inputs on the falling edge of TS.
WR_R/W
R/W
I
Read/Write: This input pin from the local
µP is used to inform the LIU
whether a Read or Write operation has been requested. When this pin is
pulled “High”, WE will initiate a read operation. When this pin is pulled
“Low”, WE will initiate a write operation.
RD_WE
WE
I
Write Enable: This active low input functions as the read or write signal from the
local
µP dependent on the state of R/W. When WE is pulled “Low” (If CS
is “Low”) the LIU begins the read or write operation.
No Pin
OE
I
Output Enable: This signal is not necessary for the XRT83SL314 to interface to
the MPC8260 or MPC860 Power PCs.
µPCLK
CLKOUT
I
Synchronous Processor Clock: This signal is used as the timing reference for
the Power PC synchronous mode.
RDY_TA
TA
O
Transfer Acknowledge: This active low signal is provided by the LIU device. It
indicates that the current read or write cycle is complete, and the LIU is waiting
for the next command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com