Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL9237EVAL2Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL9237EVAL2Z
Description  Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9237EVAL2Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL9237EVAL2Z Datasheet HTML 4Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 5Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 6Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL9237EVAL2Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ISL9237
FN8723 Rev.5.00
Page 8 of 40
Nov 29, 2017
TRICKLE CHARGING CURRENT REGULATION, Rs2 = 10mΩ
Trickle Charge Current Accuracy
Trickle, options 256mA and 512mA
-20
20
%
Trickle, option 128mA
-30
30
%
Fast Charge to Trickle Charge
Threshold
VBGATE rising
1.5
1.7
1.9
V
Trickle Charge to Fast Charge
Threshold Hysteresis
65
92
125
mV
IDEAL DIODE MODE
Entering Ideal Diode Mode VSYS
Voltage Threshold
BGATE off, VSYS falling
VVBAT - VVSYS
150
mV
Exiting Ideal Diode Mode Battery
Current Threshold
Rs2 = 10mΩ
150
mA
BGATE Source
VSYS - BGATE = 2V
12
17
20
mA
BGATE Sink
BGATE - GND = 2V
4
6
10
mA
AMON/BMON
INPUT CURRENT SENSE AMPLIFIER, Rs1 = 20mΩ
AMON Gain
17.91
V/V
AMON Accuracy
VAMON = 17.91 (CSIP - CSIN)
VCSIP - VCSIN = 100mV (5A), CSIP = 5V, 20V
-2
2
%
VCSIP - VCSIN = 20mV (1A), CSIP = 5V, 20V
-5.0
0.4
5.0
%
VCSIP - VCSIN = 10mV (0.5A), CSIP = 5V, 20V
-10
1
10
%
VCSIP - VCSIN = 2mV (0.1A), CSIP = 5V, 20V
-40
4
40
%
AMON Minimum Output Voltage
VCSIP - VCSIN = 0V
30
mV
DISCHARGE CURRENT SENSE AMPLIFIER, Rs2 = 10mΩ
BMON Gain
17.95
V/V
BMON Accuracy
VBMON = 17.95 (VCSON - VCSOP)
VCSON - VCSOP = 100mV (10A), VCSON = 8V
-2.00
-0.15
2.00
%
VCSON - VCSOP = 20mV (2A), VCSON = 8V
-5.00
-0.68
5.00
%
VCSON - VCSOP = 10mV (1A), VCSON = 8V
-10.0
-1.3
10.0
%
VCSON - VCSOP = 6mV (0.6A), VCSON = 8V
-20.0
-2.2
20.0
%
BMON Minimum Output Voltage
VCSON - VCSOP = 0V
30
mV
Discharging Current PROCHOT#
Threshold, Rs2 = 10mΩ
IDIS_HOT_TH5
DCProchot = 0x1000H (4096mA)
4096
mA
-3
3
%
DCProchot = 0x0C00H (3072mA)
3072
mA
-5
5
%
AMON/BMON Source Resistance
5
Ω
AMON/BMON Sink Resistance
5
Ω
ACOK, PROCHOT#, OTGPG/CMOUT (OPEN-DRAIN)
Open-Drain Current
1
µA
BATGONE AND OTGEN
High-Level Input Voltage
0.9
V
Low-Level Input Voltage
0.4
V
Input Leakage Current
VBATGONE = 3.3V, 5V; VOTGEN = 3.3V, 5V
1
µA
PROCHOT#
PROCHOT# Debounce Time (Note 7)
Prochot# Debounce register Bit<1:0> = 11
1
ms
Prochot# Debounce register Bit<1:0> = 10
500
µs
Electrical Specifications Operating conditions: ADP = CSIP = CSIN = 5V and 20V, VSYS = VBAT = CSOP = CSON = 8V, unless otherwise
noted. Boldface limits apply across the junction temperature range, -10°C to +125°C unless otherwise specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com