Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29PL127J65 Datasheet(PDF) 72 Page - SPANSION

Part # S29PL127J65
Description  CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL127J65 Datasheet(HTML) 72 Page - SPANSION

Back Button S29PL127J65 Datasheet HTML 68Page - SPANSION S29PL127J65 Datasheet HTML 69Page - SPANSION S29PL127J65 Datasheet HTML 70Page - SPANSION S29PL127J65 Datasheet HTML 71Page - SPANSION S29PL127J65 Datasheet HTML 72Page - SPANSION S29PL127J65 Datasheet HTML 73Page - SPANSION S29PL127J65 Datasheet HTML 74Page - SPANSION S29PL127J65 Datasheet HTML 75Page - SPANSION S29PL127J65 Datasheet HTML 76Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 106 page
background image
70
S29PL127J/S29PL129J/S29PL064J/S29PL032J
31107A62 April 7, 2005
PRE L IMINA R Y
operation using the DQ7 or DQ6 status bits, just as in the standard Word Program
operation. Refer to the "Write Operation Status" section section for more
information.
In the erase-suspend-read mode, the system can also issue the autoselect com-
mand sequence. The device allows reading autoselect codes even at addresses
within erasing sectors, since the codes are not stored in the memory array. When
the device exits the autoselect mode, the device reverts to the Erase Suspend
mode, and is ready for another valid operation. Refer to the "SecSiTM Sector Ad-
dresses" section and the "Autoselect Command Sequence" section sections for
details.
To resume the sector erase operation, the system must write the Erase Resume
command (address bits are don’t care). The bank address of the erase-sus-
pended bank is required when writing this command. Further writes of the
Resume command are ignored. Another Erase Suspend command can be written
after the chip has resumed erasing.
If the Persistent Sector Protection Mode Locking Bit is verified as programmed
without margin, the Persistent Sector Protection Mode Locking Bit Program Com-
mand should be reissued to improve program margin. If the SecSi Sector
Protection Bit is verified as programmed without margin, the SecSi Sector Pro-
tection Bit Program Command should be reissued to improve program margin.
µµ
After programming a PPB, two additional cycles are needed to determine
whether the PPB has been programmed with margin. If the PPB has been pro-
grammed without margin, the program command should be reissued to improve
the program margin. Also note that the total number of PPB program/erase cycles
is limited to 100 cycles. Cycling the PPBs beyond 100 cycles is not guaranteed.
After erasing the PPBs, two additional cycles are needed to determine whether
the PPB has been erased with margin. If the PPBs has been erased without mar-
gin, the erase command should be reissued to improve the program margin. The
programming of either the PPB or DYB for a given sector or sector group can be
verified by writing a Sector Protection Status command to the device.
Note that there is no single command to independently verify the programming
of a DYB for a given sector group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com