Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6336DIRZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL6336DIRZ
Description  VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6336DIRZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6336DIRZ Datasheet HTML 1Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ISL6336D
FN8320 Rev 0.00
Page 3 of 30
Oct 6, 2014
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6336DIRZ
ISL6336D IRZ
-40 to +85
48 Ld 7x7 QFN
L48.7x7
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6336D. For more information on MSL please see TB363.
TABLE 1. ISL6336x/4x FAMILY SUMMARY
INTERSIL PN
NUMBER OF PHASES
DIODE
EMULATION
DROOP
H_CPURST_N INPUT
TARGETED APPLICATIONS
ISL6336
6
Yes
Yes
No
VR11.x CPU
ISL6336A
6
No
Yes
No
VR11.x CPU
ISL6336B
6
Yes
Yes
Yes
VR11.x CPU
ISL6336D
6
No
No
No
General Purpose, Memory
ISL6334
4
Yes
Yes
No
VR11.x CPU
ISL6334A
4
No
Yes
No
VR11.x CPU
ISL6334B
4
Yes
Yes
Yes
VR11.x CPU
ISL6334C
4
No
No
Yes
VR11.x CPU
ISL6334D
4
No
No
No
General Purpose, Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com