Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6336DIRZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6336DIRZ
Description  VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6336DIRZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6336DIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ISL6336D
FN8320 Rev 0.00
Page 8 of 30
Oct 6, 2014
Typical Application: 5-Phase VR with PSI# and No Droop
+5V
+5V
VIN
VSEN
VDIFF
FB
COMP
VCC
GND
RGND
EN_PWR
PWM1
ISEN1-
PWM4
ISEN4+
PWM2
ISEN2+
PWM5
ISEN5+
ISL6336D
µP
LOAD
ISEN1+
ISEN4-
ISEN2-
ISEN5-
TCOMP
REF
DAC
FS
OFS
EN_VTT
VTT
VIN
RT
VR_FAN
VR_HOT
TM
+5V
NTC
ROFS
+5V
VIN
ISL6596
+5V
VIN
+5V
VIN
+5V
VIN
ISEN3-
PWM6
PWM3
ISEN3+
ISEN6-
ISEN6+
SS
+5V
VID6
VID7
VR_RDY
VID5
VID4
VID3
VID2
VID1
VID0
PSI#
OVP
IMON
RSS
APA
ISL6596
ISL6596
ISL6596
ISL6596
+5V
VCC
EN
PWM
GND
BOOT
UGATE
PHASE
LGATE
VCC
EN
PWM
GND
BOOT
UGATE
PHASE
LGATE
VCC
EN
PWM
GND
BOOT
UGATE
PHASE
LGATE
VCC
EN
PWM
GND
BOOT
UGATE
PHASE
LGATE
VCC
EN
PWM
GND
BOOT
UGATE
PHASE
LGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com