Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6561 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6561
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6561 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6561 Datasheet HTML 9Page - Renesas Technology Corp ISL6561 Datasheet HTML 10Page - Renesas Technology Corp ISL6561 Datasheet HTML 11Page - Renesas Technology Corp ISL6561 Datasheet HTML 12Page - Renesas Technology Corp ISL6561 Datasheet HTML 13Page - Renesas Technology Corp ISL6561 Datasheet HTML 14Page - Renesas Technology Corp ISL6561 Datasheet HTML 15Page - Renesas Technology Corp ISL6561 Datasheet HTML 16Page - Renesas Technology Corp ISL6561 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ISL6561
FN9098 Rev 6.00
Page 13 of 27
November 10, 2015
INDUCTOR DCR Sensing
An inductor has a distributed direct current winding
resistance (DCR). Consider the inductor DCR as a separate
lumped quantity as shown in Figure 4. The channel current,
IL, flowing through the inductor, also passes through the
DCR. Equation 4 shows the s-domain equivalent voltage,
VL, across the inductor.
A simple R-C network across the inductor extracts the DCR
voltage, as shown in Figure 5.
The voltage on the capacitor, VC, can be shown to be
proportional to the channel current IL(see Equation 5).
If the R-C network components are selected such that the R-
C time constant matches the inductor L/DCR time constant,
then VC is equal to the voltage drop across the DCR.
The capacitor voltage, VC, is replicated across the sense
resistor RISEN. so that the current flowing through the sense
resistor is proportional to the inductor current. Equation 6
shows that the relationship between the channel current and
the sensed current ISEN, is driven by the value of the sense
resistor and the inductor DCR.
Current Sampling
During the forced off-time following a PWM transition low,
the associated channel current sense amplifier reproduces a
signal , ISEN, proportional to the inductor current, IL.
Regardless of the current sense method, ISEN is simply a
scaled version of the inductor current. Coincident with the
falling edge of the PWM signal, the sample and hold circuitry
samples ISEN. This is illustrated in Figure 5. The sample
time, tSAMP, is fixed and equal to 1/3 of the switching period,
tSW. Therefore, the sample current, In, is proportional to the
output current and held for one switching cycle. The sample
current is used for current balance, load-line regulation, and
overcurrent protection.
Channel-Current Balance
The sampled currents In, from each active channel are
summed together and divided by the number of active
channels. The resulting cycle average current, IAVG,
provides a measure of the total load current demand on the
converter during each switching cycle. Channel current
balance is achieved by comparing the sampled current of
each channel to the cycle average current, and making an
appropriate adjustment to each channel pulse width based
on the error. Intersil’s patented current-balance method is
illustrated in Figure 6, with error correction for channel 1
represented. In the figure, the cycle average current
combines with the channel 1 sample, I1, to create an error
signal IER. The filtered error signal modifies the pulse width
commanded by VCOMP to correct any unbalance and force
IER toward zero. The same method for error signal
correction is applied to each active channel.
VL
IL sL DCR
+

=
(EQ. 4)
VC
s
L
DCR
-------------
1
+


DCR IL

sRC 1
+

---------------------------------------------------------------------
=
(EQ. 5)
FIGURE 4. DCR SENSING CONFIGURATION
In
ISEN IL
DCR
RISEN
-------------------
=
-
+
ISEN-
SAMPLE
&
HOLD
ISL6561 INTERNAL CIRCUIT
VIN
ISEN+
PWM(n)
ISL6561
RISEN
DCR
L
INDUCTOR
R
VOUT
COUT
VC(s)
C
IL s

VL
ISEN
IL
DCR
RISEN
------------------
=
(EQ. 6)
tSAMP
tSW
3
----------
1
3fSW
------------------
==
(EQ. 7)
FIGURE 5. SAMPLE AND HOLD TIMING
TIME
PWM
IL
SWITCHING PERIOD
ISEN
SAMPLE CURRENT, In
tSAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com