Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6561 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL6561
Description  Multi-Phase PWM Controller with Precision rDS(ON) or DCR Differential Current Sensing for VR10.X Application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6561 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL6561 Datasheet HTML 17Page - Renesas Technology Corp ISL6561 Datasheet HTML 18Page - Renesas Technology Corp ISL6561 Datasheet HTML 19Page - Renesas Technology Corp ISL6561 Datasheet HTML 20Page - Renesas Technology Corp ISL6561 Datasheet HTML 21Page - Renesas Technology Corp ISL6561 Datasheet HTML 22Page - Renesas Technology Corp ISL6561 Datasheet HTML 23Page - Renesas Technology Corp ISL6561 Datasheet HTML 24Page - Renesas Technology Corp ISL6561 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ISL6561
FN9098 Rev 6.00
Page 21 of 27
November 10, 2015
In Equation 22, make sure that
T2 is the desired temperature
rise above the ambient temperature, and
T1 is the measured
temperature rise above the ambient temperature. While a
single adjustment according to Equation 22 is usually
sufficient, it may occasionally be necessary to adjust RISEN
two or more times to achieve optimal thermal balance
between all channels.
Load-Line Regulation Resistor
The load-line regulation resistor is labeled RFB in Figure 7.
Its value depends on the desired full-load droop voltage
(VDROOP in Figure 7). If Equation 21 is used to select each
ISEN resistor, the load-line regulation resistor is as shown
in Equation 23.
If one or more of the ISEN resistors is adjusted for thermal
balance, as in Equation 23, the load-line regulation resistor
should be selected according to Equation 24 where IFL is the
full-load operating current and RISEN(n) is the ISEN resistor
connected to the nth ISEN pin.
Compensation
The two opposing goals of compensating the voltage
regulator are stability and speed. Depending on whether the
regulator employs the optional load-line regulation as
described in Load-Line Regulation, there are two distinct
methods for achieving these goals.
COMPENSATING LOAD-LINE REGULATED
CONVERTER
The load-line regulated converter behaves in a similar
manner to a peak-current mode controller because the two
poles at the output-filter L-C resonant frequency split with
the introduction of current information into the control loop.
The final location of these poles is determined by the system
function, the gain of the current signal, and the value of the
compensation components, RC and CC.
Since the system poles and zero are effected by the values
of the components that are meant to compensate them, the
solution to the system equation becomes fairly complicated.
Fortunately there is a simple approximation that comes very
close to an optimal solution. Treating the system as though it
were a voltage-mode regulator by compensating the L-C
poles and the ESR zero of the voltage-mode approximation
yields a solution that is always stable with very close to ideal
transient performance.
The feedback resistor, RFB, has already been chosen as
outlined in Load-Line Regulation Resistor. Select a target
bandwidth for the compensated system, f0. The target
bandwidth must be large enough to assure adequate
transient performance, but smaller than 1/3 of the per-
channel switching frequency. The values of the
compensation components depend on the relationships of f0
to the L-C pole frequency and the ESR zero frequency. For
each of the three cases which follow, there is a separate set
of equations for the compensation components.
In Equations 25, L is the per-channel filter inductance
divided by the number of active channels; C is the sum total
of all output capacitors; ESR is the equivalent-series
resistance of the bulk output-filter capacitance; and VPP is
the peak-to-peak sawtooth signal amplitude as described in
Figure 6 and Electrical Specifications.
RFB
VDROOP
70 10
6
–
-------------------------
=
(EQ. 23)
RFB
VDROOP
IFL rDS ON

--------------------------------
RISEN n

n
=
(EQ. 24)
FIGURE 13. COMPENSATION CONFIGURATION FOR
LOAD-LINE REGULATED ISL6561 CIRCUIT
COMP
CC
RC
RFB
FB
IDROOP
VDIFF
-
+
VDROOP
C2 (OPTIONAL)
1
2
 LC
------------------- f0
>
RC
RFB
2
f
0Vpp LC
0.75VIN
------------------------------------
=
CC
0.75VIN
2
V
PPRFBf0
------------------------------------
=
Case 1:
1
2
 LC
------------------- f0
1
2
C ESR

------------------------------
<
RC
RFB
VPP 2
2 f
0
2 LC
0.75 VIN
--------------------------------------------
=
CC
0.75VIN
2
2 f
0
2 V
PPRFB LC
-------------------------------------------------------------
=
Case 2:
(EQ. 25)
f0
1
2
C ESR

------------------------------
>
RC
RFB
2
 f
0VppL
0.75 VIN ESR

------------------------------------------
=
CC
0.75VIN ESR
 C
2
V
PPRFBf0 L
-------------------------------------------------
=
Case 3:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com