Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL55100AEVAL3Z Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL55100AEVAL3Z
Description  Quad 18V Pin Electronics Driver/Window Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL55100AEVAL3Z Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL55100AEVAL3Z Datasheet HTML 1Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 2Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 3Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 4Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 5Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 6Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 7Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 8Page - Renesas Technology Corp ISL55100AEVAL3Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ISL55100A
FN7486 Rev 3.00
Page 2 of 14
December 4, 2014
Ordering Information
PART NUMBER
(Notes 1, 2, 3)PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG. DWG. #
ISL55100AIRZ
ISL55100 AIRZ
-40 to +85
72 Ld QFN
L72.10x10
ISL55100AEVAL3Z
Evaluation Board
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see product information page for ISL55100A For more information on MSL, please see tech brief TB363.
Pin Configuration
ISL55100A
(72 LD QFN)
TOP VIEW
72
71
70
69
68
67
66
65
64
63
62
61
60
59
VEXT
VH 0
DOUT 0
NC
VL 0
VH 1
DOUT 1
NC
VL 1
VH 2
DOUT 2
NC
VL 2
VH 3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
54
53
52
51
50
49
48
47
46
45
44
43
42
41
DATA+ 0
DATA- 0
QA 1
QB 1
DRV EN+ 1
DRV EN- 1
DATA+ 1
DATA- 1
QA 2
QB 2
DRV EN+ 2
DRV EN- 2
DATA+ 2
DATA- 2
19
20
21
22
23
24
25
26
27
28
29
30
31
32
15
16
17
18
QA 3
QB 3
DRV EN+ 3
DRV EN- 3
33
34
35
36
DOUT 3
NC
VL 3
LOWSWING
40
39
38
37
58
57
56
55
EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com