Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68144IRAZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL68144IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68144IRAZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL68144IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
ISL68144
FN8888 Rev. 3.00
Page 13 of 48
Feb 8, 2018
In addition to the described load current add/drop thresholds,
the fast phase add function provides a very rapid response to
transient load conditions. This feature continuously monitors the
system regulation error and if it exceeds the user set threshold,
all dropped phases will be readied for use. In this way, there is no
delay if all phases are needed to support a load transient. The
fast phase add threshold is set in PowerNavigator. The output
current threshold for adding and dropping phases can also be
configured.
To ensure dropped phases have sufficient boot capacitor charge
to turn on the high-side MOSFET after a long disable period, a
boot refresh circuit turns on the low-side MOSFET of each
dropped phase to refresh the boot capacitor. The frequency of
the boot refresh is programmable using PowerNavigator.
Output Voltage Configuration
Output voltage set points and thresholds for each output can be
configured using PowerNavigator. Parameters such as output
voltage, VOUT margin high/low and VOUT OV/UV fault thresholds
can be configured with GUI. Additionally, output voltage and
margin high/low can be adjusted during regulation through the
PMBus commands VOUT_COMMAND, VOUT_MARGIN_HIGH, and
VOUT_MARGIN_LOW for further tuning. The following VOUT
relationships must be maintained for correct operation:
VOUT_OV_FAULT_LIMIT > VOUT_COMMAND
(VOUT_MARGIN_HIGH and VOUT_MARGIN_LOW, if used) >
VOUT_UV_FAULT_LIMIT. Additionally, the VOUT commands are
bounded by VOUT_MAX and VOUT_MIN to provide protection
against incorrect set points being sent to the device.
Switching Frequency
The switching frequency is user-configurable over a range of
200kHz to 1MHz.
Current Sensing
The ISL68144 supports DCR, resistor, and smart power stage
current sensing. Connection to the various sense elements is
accomplished through the CS and CSRTN pins. Current sensing
inputs are high impedance differential inputs to reject noise and
ground related inaccuracies.
To accommodate a wide range of effective sense resistance,
information about the effective sense resistance and required,
per-phase current capability is used by PowerNavigator to
properly configure the current sense circuitry.
INDUCTOR DCR SENSING
DCR sensing takes advantage of the fact that an inductor
winding has a resistive component (DCR) that will drop a voltage
proportional to the inductor current. Figure 8 shows that the DCR
is treated as a lumped element with one terminal inaccessible
for measurement. Fortunately, a simple R-C network as shown in
Figure 9 is capable of reproducing the hidden DCR voltage. By
simply matching the R-C time constant to the L/DCR time
constant, it is possible to precisely recreate the DCR voltage across
the capacitor. This means that VDCR(t) = VC(t), thus preserving
even the high frequency characteristic of the DCR voltage.
Modern inductors often have such low DCR values that the
resulting signal is <10mV. To avoid noise problems, care must be
taken in the PCB layout to properly place the R-C components and
route the differential lines between controller and inductor.
Figure 8 shows one PCB design method that places the R
component near the inductor VPHASE and the C component very
close to the IC pins. This minimizes routing of the noisy VPHASE
and maximizes filtering near the IC. The lines between the inductor
and IC should be routed as a pair on a single layer directly to the
controller. Care must be taken to avoid routing the pair near any
switching signals such as Phase or PWM. This is the method used
by Renesas on evaluation board designs.
This method senses the resistance of a metal winding in which
the DCR value increases with temperature. This must be
compensated or the sensed (and reported) current will increase
with temperature. To compensate for the temperature effect, the
ISL68144 provides temperature sensing options and an internal
methodology to apply the correction.
RESISTIVE SENSING
For more accurate current sensing, a dedicated current sense
resistor, RSENSE, in series with each output inductor can serve as
the current sense element. However, this technique reduces the
overall converter efficiency due to the additional power loss on the
current sense element, RSENSE.
A current sensing resistor has a distributed parasitic inductance,
known as Equivalent Series Inductance (ESL), typically less than
4nH. Consider the ESL as a separate lumped quantity, as shown
in Figure 9. The phase current IL, flowing through the inductor,
will also pass through the ESL. Similar to DCR sensing described
previously, a simple R-C network across the current sense
FIGURE 8. DCR SENSING CONFIGURATION
FIGURE 9. SENSE RESISTOR IN SERIES WITH INDUCTOR
CSn
CSRTNn
C
R
DC R
L
L
DCR
R
C
VOUT
VPHASE
IC
CURRENT
SENSE
CSn
CSRTNn
C
R
RSENSE
ESL
RSENSE
R
C
VOUT
VPHASE
IC
ESL
CURRENT
SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com