Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68144IRAZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL68144IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68144IRAZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL68144IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68144IRAZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
ISL68144
FN8888 Rev. 3.00
Page 14 of 48
Feb 8, 2018
resistor extracts the RSENSE voltage. Simply match the
ESL/RSENSE time constant to the R-C time constant.
Figure 10 shows the sensed waveforms with and without matching
RC when using resistive sense. The PCB layout should be treated
similarly to that described for DCR sense.
L/DCR OR ESL/RSEN MATCHING
Assuming the compensator design is correct, Figure 11 shows the
expected load transient response waveforms if L/DCR or
ESL/RSEN is matching the R-C time constant. When the load
current IOUT has a square change, the output voltage VOUT also
has a square response, except for the potential overshoot at load
release. However, there is always some uncertainty in the true
parameter values involved in the time constant matching and
therefore fine-tuning is generally required.
If the R-C time constant is too large or too small, VC(t) will not
accurately represent real-time IOUT(t) and will worsen the
transient response. Figure 12 shows the load transient response
when the R-C timing constant is too small. In this condition, VOUT
will sag excessively upon load insertion and might create a
system failure or early overcurrent trip. Figure 13 shows the
transient response when the R-C time constant is too large. VOUT
is sluggish in drooping to its final value. Use these general guides
if fine-tuning is needed.
SPS CURRENT SENSING
SPS current sense is accomplished by sensing each SPS IMON
output individually using VCCS as a common reference. Connect
all SPS IREF input pins and all ISL68144 CSRTNx input pins
together and tie them to VCCS, then connect the SPS IMONx
output pins to the corresponding ISL68144 CSx input pins. The
signals should be run as differential pairs from the SPS back to
the ISL68144.
Temperature Sensing
The ISL68144 supports temperature sensing through BJT or
smart power stage sense elements. Support for BJT sense
elements uses the well known delta Vbe method and allows up
to two sensors (MMBT3906 or similar) on each temperature
sense input, TMON0 and TMON1. Support for smart power stage
uses a linear conversion algorithm and allows one sensor reading
per pin. The conversion from voltage to temperature for smart
power stage sensing is user-programmable using
PowerNavigator.
The SPS temperature sensing measures the temperature
dependent voltage output on the SPS TMON pin. All of the SPS
devices attached to the Output 0 rail have their TMON pins
connected to the ISL68144 TMON0 pin. All of the SPS devices
attached to the Output 1 rail have their TMON pins connected to
the ISL68144 TMON1 pin. The reported temperature is that of
the highest temperature SPS of the group.
In addition to the external temperature sense, the IC senses its
own die temperature, which can be monitored using
PowerNavigator.
Sensed temperature is used in the system for faults, telemetry,
and temperature compensation of sensed current.
Temperature Compensation
The ISL68144 supports inductor DCR sensing, which generally
requires temperature compensation due to the copper wire used
to form inductors. Copper has a positive temperature coefficient
of approximately 0.39%/°C. Because the voltage across the
inductor is sensed for the output current information, the sensed
current has the same positive temperature coefficient as the
inductor DCR.
Compensating current sense for temperature variation generally
requires that the current-sensing element temperature and its
temperature coefficient be known. Although the temperature
coefficient is generally obtained easily, actual current sense
element temperature is nearly impossible to measure directly.
Instead, a temperature sensor (a BJT for the ISL68144) placed
near the inductors is measured and the current sense element
(DCR) temperature is calculated from that measurement.
Calculating current sense element temperature is equivalent to
applying gain and offset corrections to the temperature sensor
measurement. The ISL68144 supports both corrections.
Figure 14 depicts the block diagram of temperature
compensation. A BJT placed near the inductors used for DCR
sensing is monitored by the IC using the well known delta Vbe
method of temperature sensing. TSENSE is the direct measured
temperature of the BJT. Because the BJT is not directly sensing
the DCR, corrections must be made so that TDCR reflects the true
FIGURE 10. VOLTAGE ACROSS R WITH AND WITHOUT RC
FIGURE 11. DESIRED LOAD TRANSIENT RESPONSE WAVEFORMS
FIGURE 12. LOAD TRANSIENT RESPONSE WHEN R-C TIME
CONSTANT IS TOO SMALL
FIGURE 13. LOAD TRANSIENT RESPONSE WHEN R-C TIME
CONSTANT IS TOO LARGE
MISMATCHED RC
MATCHED RC
IOUT
VOUT
IOUT
VOUT
IOUT
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com