Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT3258ITS-2.8-R-T1 Datasheet(PDF) 14 Page - Advanced Analogic Technologies

Part # AAT3258ITS-2.8-R-T1
Description  300mA LDO Linear Regulator with UP Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3258ITS-2.8-R-T1 Datasheet(HTML) 14 Page - Advanced Analogic Technologies

Back Button AAT3258ITS-2.8-R-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 15Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 16Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 17Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AAT3258
300mA LDO Linear Regulator with µP Reset
14
3258.2005.04.1.5
pulses. Figure 2 shows typical behavior of short
duration pulses versus RESET comparator over-
drive. As shown in the Maximum Transient
Duration vs. Reset Threshold Overdrive graph,
when the transient voltage becomes larger, the
time allowed before asserting a reset becomes
shorter (e.g., typically a transient of 100mV below
the reset threshold would have to be present for
more than 50
µs to cause a reset). Immunity can be
increased by the addition of a small bypass capac-
itor of 0.1µF connected as closely to the V
CC pin as
possible.
Figure 2: Typical Behavior of Short Duration Pulses vs. RESET Comparator Overdrive.
uP
V
MR
CC
V
CC
VDET
RESET
GND
GND
RESET
INPUT
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com