Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT3258ITS-2.8-R-T1 Datasheet(PDF) 16 Page - Advanced Analogic Technologies

Part # AAT3258ITS-2.8-R-T1
Description  300mA LDO Linear Regulator with UP Reset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3258ITS-2.8-R-T1 Datasheet(HTML) 16 Page - Advanced Analogic Technologies

Back Button AAT3258ITS-2.8-R-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 15Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 16Page - Advanced Analogic Technologies AAT3258ITS-2.8-R-T1 Datasheet HTML 17Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AAT3258
300mA LDO Linear Regulator with µP Reset
16
3258.2005.04.1.5
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085
Phone (408) 737-4600
Fax (408) 737-4611
AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work
rights, or other intellectual property rights are implied.
AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice, and advise customers to obtain the latest
version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale
supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability.
AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech’s standard warranty. Testing and
other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily
performed.
Ordering Information
Package Information
TSOPJW-8
All dimensions in millimeters.
0.65 BSC 0.65 BSC 0.65 BSC
0.325
± 0.075
3.025
± 0.075
0.055
± 0.045
0.010
7
°
0.04 REF
0.45
± 0.15
2.75
± 0.25
Package
Reset Threshold Voltage
1
LDO Regulator
Marking
2
Part Number (Tape and Reel)
3
TSOPJW-8
2.63V
2.80V
IIXYY
AAT3258ITS-2.8-R-T1
TSOPJW-8
2.45V
2.80V
IHXYY
AAT3258ITS-2.8-Y-T1
TSOPJW-8
2.63V
3.0V
MEXYY
AAT3258ITS-3.0-R-T1
TSOPJW-8
2.63V
3.3V
MXXYY
AAT3258ITS-3.3-R-T1
1. Consult the factory for any additional reset or low dropout voltages.
2. XYY = assembly and date code.
3. Sample stock is generally held on part numbers listed in BOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com