Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL88001/2/3EVAL1Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL88001/2/3EVAL1Z
Description  Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL88001/2/3EVAL1Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL88001/2/3EVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ISL88001, ISL88002, ISL88003
FN6174 Rev 2.00
Page 4 of 11
May 29, 2012
ISL88003IE31Z-T
331
Push-Pull RST
3.07
-40 to +85
3 Ld SC-70
P3.049
ISL88003IE29Z-T
329
Push-Pull RST
2.92
-40 to +85
3 Ld SC-70
P3.049
ISL88003IE26Z-T
326
Push-Pull RST
2.63
-40 to +85
3 Ld SC-70
P3.049
ISL88003IE23Z-T
323
Push-Pull RST
2.32
-40 to +85
3 Ld SC-70
P3.049
ISL88003IE22Z-T
322
Push-Pull RST
2.19
-40 to +85
3 Ld SC-70
P3.049
ISL88003IE17Z-T
317
Push-Pull RST
1.67
-40 to +85
3 Ld SC-70
P3.049
ISL88003IE16Z-T
316
Push-Pull RST
1.58
-40 to +85
3 Ld SC-70
P3.049
ISL88003IH46Z-T
3H46
Push-Pull RST
4.62
-40 to +85
3 Ld SOT-23
P3.064
ISL88003IH44Z-T
3H44
Push-Pull RST
4.38
-40 to +85
3 Ld SOT-23
P3.064
ISL88003IH31Z-T
3H31
Push-Pull RST
3.07
-40 to +85
3 Ld SOT-23
P3.064
ISL88003IH29Z-T
3H29
Push-Pull RST
2.92
-40 to +85
3 Ld SOT-23
P3.064
ISL88003IH26Z-T
3H26
Push-Pull RST
2.63
-40 to +85
3 Ld SOT-23
P3.064
ISL88003IH23Z-T
3H23
Push-Pull RST
2.32
-40 to +85
3 Ld SOT-23
P3.064
ISL88003IH22Z-T
3H22
Push-Pull RST
2.19
-40 to +85
3 Ld SOT-23
P3.064
ISL88003IH17Z-T
3H17
Push-Pull RST
1.67
-40 to +85
3 Ld SOT-23
P3.064
ISL88003IH16Z-T
3H16
Push-Pull RST
1.58
-40 to +85
3 Ld SOT-23
P3.064
ISL88001/2/3EVAL1Z
Evaluation Platform for ISL88001, ISL88002 and ISL88003
NOTES:
1. For non-standard voltage trip point versions between 1.5V and 5V in 100mV increments, please contact factory for availability.
2. Add “-TK” suffix for 1000 piece Tape and Reel. Please refer to TB347 for details on reel specifications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
JSTD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL88001, ISL88002, ISL88003. For more information on MSL
please see techbrief TB363.
Ordering Information (Continued)
PART NUMBER
(Notes 1, 2, 3, 4)
PART
MARKING
(Bottom Brand)
RESET
NOMINAL
VTHVDD (V)
TEMPERATURE
RANGE (°C)
PACKAGE
Tape and Reel
(Pb-free)
PKG.
DWG. #



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com