Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL88001/2/3EVAL1Z Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL88001/2/3EVAL1Z
Description  Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL88001/2/3EVAL1Z Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL88001/2/3EVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL88001/2/3EVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN6174 Rev 2.00
Page 1 of 11
May 29, 2012
FN6174
Rev 2.00
May 29, 2012
ISL88001, ISL88002, ISL88003
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
DATASHEET
The ISL88001, ISL88002, ISL88003 supervisors are
extremely low power 160nA voltage supervisors that help to
monitor the power supply voltages in a wide variety of
applications. By providing Power-On Reset and supply
voltage supervision in small 3 Ld SC-70 and SOT-23
packages, the ISL88001, ISL88002, ISL88003 devices can
help to lower system cost, reduce board space requirements
and increase the reliability of systems.
The most popular voltage trip points are available for
standard power supplies from 1.8V to 5.0V (see “Ordering
Information” on page 3). These reset threshold voltages are
accurate to within ±1.2% and the reset signal is valid down to
1V. Active high and active low reset outputs are available in
push-pull and open drain configurations (see “Functional
Block Diagrams” on page 2).
The ISL88001, ISL88002, ISL88003 devices are specifically
designed for low power consumption and high threshold
accuracy, making them especially suitable for electronic
devices and portable equipment.
Pinouts
ISL88001, ISL88002
(3 LD SC-70, 3 LD SOT-23)
TOP VIEW
ISL88003
(3 LD SC-70, 3 LD SOT-23)
TOP VIEW
Features
• Single Voltage Monitoring Supervisors
• Fixed-Voltage Options Allow Precise Monitoring of +1.8V,
+2.5V, +3.0V, +3.3V and +5.0V Power Supplies
• Ultra Low 160nA Supply Current
• ±1.2% Voltage Threshold Accuracy
• 190ms Power-On Reset Timeout
• Reset Signal Valid Down to VDD = 1V
• No External Components Necessary
• Immune to Power-Supply Transients
• Available in Small 3 Ld SC-70 and 3 Ld SOT-23 Pb-free
Packages
• Pin Compatible with MAX803, MAX809, MAX810
• Pb-Free (RoHS Compliant)
Applications
• Microprocessor/Microcontroller Systems
• Intelligent Instruments
• Controllers
• Computer Systems
• Portable/Battery-Powered Equipment
• PDA and Hand-Held PC Devices
GND
RST
1
2
3
ISL88001 has a push-pull RST output
VDD
ISL88002 has an open-drain RST output
ISL88001
ISL88002
GND
RST
1
2
3
ISL88003 has a push-pull RST output
VDD
ISL88003


Similar Part No. - ISL88001/2/3EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88001/2/3EVAL1Z RENESAS-ISL88001/2/3EVAL1Z Datasheet
776Kb / 16P
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
Feb 10, 2021
More results

Similar Description - ISL88001/2/3EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
27MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Texas Instruments
TPS61040 TI-TPS61040_07 Datasheet
527Kb / 22P
LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
logo
Intersil Corporation
ISL88001 INTERSIL-ISL88001 Datasheet
216Kb / 11P
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
March 26, 2008
ISL88011 INTERSIL-ISL88011_11 Datasheet
330Kb / 13P
5 Ld Voltage Supervisors
August 9, 2011
logo
List of Unclassifed Man...
MB-4 ETC2-MB-4 Datasheet
1Mb / 1P
Fits SOT-343 (SC-70) amplifier packages
logo
Texas Instruments
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
logo
Maxim Integrated Produc...
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
logo
Intersil Corporation
ISL88003IH46Z-T INTERSIL-ISL88003IH46Z-T Datasheet
339Kb / 11P
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
May 29, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com