Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FCBS0550. Datasheet(PDF) 6 Page - ON Semiconductor

Part # FCBS0550.
Description  Smart Power Module (SPM)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCBS0550. Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FCBS0550. Datasheet HTML 2Page - ON Semiconductor FCBS0550. Datasheet HTML 3Page - ON Semiconductor FCBS0550. Datasheet HTML 4Page - ON Semiconductor FCBS0550. Datasheet HTML 5Page - ON Semiconductor FCBS0550. Datasheet HTML 6Page - ON Semiconductor FCBS0550. Datasheet HTML 7Page - ON Semiconductor FCBS0550. Datasheet HTML 8Page - ON Semiconductor FCBS0550. Datasheet HTML 9Page - ON Semiconductor FCBS0550. Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
5
www.fairchildsemi.com
FCBS0550 Rev. A
Absolute Maximum Ratings (T
J = 25°C, Unless Otherwise Specified)
Inverter Part
Note:
1. The maximum junction temperature rating of the power chips integrated within the SPM is 150
°C(@T
C ≤ 100°C). However, to insure safe operation of the SPM, the average
junction temperature should be limited to TJ(ave) ≤ 125°C (@TC ≤ 100°C)
Control Part
Total System
Thermal Resistance
Note:
2. For the measurement point of case temperature(TC), please refer to Figure 2.
Package Marking and Ordering Information
Symbol
Parameter
Conditions
Rating
Units
VPN
Supply Voltage
Applied between P- NU, NV, NW
400
V
VPN(Surge)
Supply Voltage (Surge)
Applied between P- NU, NV, NW
450
V
VDSS
Drain-Source Voltage
500
V
± ID
Each MOSFET Drain Current
TC = 25°C, Peak Sinusoidal Current
5
A
± IDP
Each MOSFET Drain Current (Peak)
TC = 25°C, Under 1ms Pulse Width
7
A
PC
Collector Dissipation
TC = 25°C per One Chip
25
W
TJ
Operating Junction Temperature
(Note 1)
-20 ~ 125
°C
Symbol
Parameter
Conditions
Rating
Units
VCC
Control Supply Voltage
Applied between VCC(UH), VCC(VH), VCC(WH), VCC(L) -
COM
20
V
VBS
High-side Control Bias Volt-
age
Applied between VB(U) - VS(U), VB(V) - VS(V), VB(W) -
VS(W)
20
V
VIN
Input Signal Voltage
Applied between IN(UH), IN(VH), IN(WH), IN(UL), IN(VL),
IN(WL) - COM
-0.3~17
V
VFO
Fault Output Supply Voltage
Applied between VFO - COM
-0.3~VCC+0.3
V
IFO
Fault Output Current
Sink Current at VFO Pin
5
mA
VSC
Current Sensing Input Voltage Applied between CSC - COM
-0.3~VCC+0.3
V
Symbol
Parameter
Conditions
Rating
Units
TSC
Short Circuit Withstanding Time
VCC = VBS = 13.5 ~ 16.5V, TJ =125°C, Non-
repetitive, VPN=400V, RShunt=0mΩ
10
µs
TC
Module Case Operation Temperature
-20
°C ≤ T
J ≤ 125°C, See Figure 2
-20 ~ 100
°C
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60Hz, Sinusoidal, AC 1 minute, Connection
Pins to ceramic substrate
2500
Vrms
Symbol
Parameter
Conditions
Min.
Typ. Max.
Units
Rth(j-c)
Junction to Case Thermal
Resistance
Inverter MOSFET part (per 1/6 module)
-
-
4
°C/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FCBS0550
FCBS0550
SPM27BA
-
-
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com