Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FCBS0550. Datasheet(PDF) 11 Page - ON Semiconductor

Part # FCBS0550.
Description  Smart Power Module (SPM)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FCBS0550. Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FCBS0550. Datasheet HTML 7Page - ON Semiconductor FCBS0550. Datasheet HTML 8Page - ON Semiconductor FCBS0550. Datasheet HTML 9Page - ON Semiconductor FCBS0550. Datasheet HTML 10Page - ON Semiconductor FCBS0550. Datasheet HTML 11Page - ON Semiconductor FCBS0550. Datasheet HTML 12Page - ON Semiconductor FCBS0550. Datasheet HTML 13Page - ON Semiconductor FCBS0550. Datasheet HTML 14Page - ON Semiconductor FCBS0550. Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
10
www.fairchildsemi.com
FCBS0550 Rev. A
(with the external shunt resistance and CR connection)
c1 : Normal operation: MOSFET ON and carrying current.
c2 : Short circuit current detection (SC trigger).
c3 : Hard MOSFET gate interrupt.
c4 : MOSFET turns OFF.
c5 : Fault output timer operation starts: The pulse width of the fault output signal is set by the external capacitor CFO.
c6 : Input “L” : MOSFET OFF state.
c7 : Input “H”: MOSFET ON state, but during the active period of fault output the MOSFET doesn’t turn ON.
c8 : MOSFET OFF state
Figure 8. Short-Circuit Current Protection (Low-side Operation only)
Low-Side Internal IGBT
Gate-Emitter Voltage
Low-Side
input Signal
Low-Side Output Current
Sensing Voltage
of the shunt
resistance
Fault Output Signal
SC Reference Voltage
CR circuit time
constant delay
SC
Protection
circuit state
SET
RESET
c6
c7
c3
c2
c1
c8
c4
c5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com